Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN3525 Datasheet(PDF) 3 Page - Microchip Technology

Part # DN3525
Description  N-Channel Depletion-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN3525 Datasheet(HTML) 3 Page - Microchip Technology

  DN3525 Datasheet HTML 1Page - Microchip Technology DN3525 Datasheet HTML 2Page - Microchip Technology DN3525 Datasheet HTML 3Page - Microchip Technology DN3525 Datasheet HTML 4Page - Microchip Technology DN3525 Datasheet HTML 5Page - Microchip Technology DN3525 Datasheet HTML 6Page - Microchip Technology DN3525 Datasheet HTML 7Page - Microchip Technology DN3525 Datasheet HTML 8Page - Microchip Technology DN3525 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise specified. Specification is obtained by characterization and is
not 100% tested.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Forward Transconductance
GFS
225
—
—
mmho VDS = 10V, ID = 150 mA
Input Capacitance
CISS
—
270
350
pF
VGS = –5V,
VDS = 25V,
f = 1 MHz
Common Source Output
Capacitance
COSS
—
20
60
pF
Reverse Transfer Capacitance
CRSS
—
5
20
pF
Turn-On Delay Time
td(ON)
—
—
20
ns
VDD = 25V,
ID = 150 mA,
RGEN = 25Ω,
VGS = 0V to –10V
Rise Time
tr
—
—
25
ns
Turn-Off Delay Time
td(OFF)
—
—
25
ns
Fall Time
tf
—
—
40
ns
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
—
—
1.8
V
VGS = –5V, ISD = 150 mA
(Note 1)
Reverse Recovery Time
trr
—
800
—
ns
VGS = –5V, ISD = 150 mA
Note 1: Unless otherwise stated, all DC parameters are 100% tested at 25°C. Pulse test: 300 µs pulse, 2% duty
cycle
TEMPERATURE SPECIFICATIONS
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
TEMPERATURE RANGE
Operating Ambient Temperature
TA
–55
—
+150
°C
Storage Temperature
TS
–55
—
+150
°C
PACKAGE THERMAL RESISTANCE
3-lead SOT-89
JA
—
133
—
°C/W
THERMAL CHARACTERISTICS
Package
ID (Note 1)
(Continuous)
(mA)
ID
(Pulsed)
(A)
Power Dissipation at
TA = 25°C
(Note 2)
(W)
IDR (Note 1)
(mA)
IDRM
(A)
3-lead SOT-89
360
1
1.6
360
1
Note 1: ID (continuous) is limited by maximum TJ.
2: Mounted on an FR4 board, 25 mm x 25 mm x 1.57 mm
 2018 Microchip Technology Inc.
DS20005705A-page 3
DN3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com