Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310A Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHF310A
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHF310A Datasheet HTML 9Page - STMicroelectronics RHF310A Datasheet HTML 10Page - STMicroelectronics RHF310A Datasheet HTML 11Page - STMicroelectronics RHF310A Datasheet HTML 12Page - STMicroelectronics RHF310A Datasheet HTML 13Page - STMicroelectronics RHF310A Datasheet HTML 14Page - STMicroelectronics RHF310A Datasheet HTML 15Page - STMicroelectronics RHF310A Datasheet HTML 16Page - STMicroelectronics RHF310A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
4kT R∆F
Where ΔF is the specified bandwidth, and k is the Boltzmann's constant, equal to 1,374.10-23J/°K. T is the
temperature (°K).
On a 1 Hz bandwidth the thermal noise is reduced to:
4kT R
The output noise eNo is calculated using the superposition theorem. However, eNo is not the simple sum of all
noise sources but rather the square root of the sum of the square of each noise source, as shown in Equation 1.
Equation 1
eN o
V1
2
V2
2
V3
2
V4
2
V5
2
V6
2
+
+
+
+
+
=
Equation 2
eN o
2
eN
2
g
2
iN n
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
R2
R1
--------
2
4kTR 1 4kTR 2 1
R2
R1
--------
+
2
4kTR 3
×
+
+
×
+
=
The input noise of the instrumentation must be extracted from the measured noise value. The real output noise
value of the driver is shown in Equation 3.
Equation 3
eNo
Mea sure d
(
)
2
ins trumen tatio n
(
)
2
–
=
The input noise is called equivalent input noise because it is not directly measured but is evaluated from the
measurement of the output divided by the closed loop gain (eNo/g).
After simplification of the fourth and fifth terms of Equation 2, you obtain Equation 4.
Equation 4
eNo
2
eN
2
g
2
iN n
2
R2
2
iN p
2
+
×
+
×
R3
2
×
g
2
×
g
4kTR2 1
R2
R1
--------
+
2
4kTR 3
×
+
×
+
=
6.2.1
Measurement of the input voltage noise eN
Assuming a short-circuit on the non-inverting input (R3 = 0), from Equation 4 you can derive Equation 5.
Equation 5
eN o
eN
2
g
2
iN n
2
R2
2
g
4kTR2
×
+
×
+
×
=
To easily extract the value of eN, the resistance R2 must be as low as possible. On the other hand, the gain must
be high enough. R3 = 0 and gain (g) = 100.
6.2.2
Measurement of the negative input current noise iNn
To measure the negative input current noise iNn, R3 is set to zero and Equation 5 is used. This time, the gain
must be lower in order to decrease the thermal noise contribution. R3 = 0 and gain (g) = 10.
6.2.3
Measurement of the positive input current noise iNp
To extract iNp from Equation 3, a resistance R3 is connected to the non-inverting input. The value of R3 must be
selected so that its thermal noise contribution is as low as possible against the iNp contribution. R3 = 100 Ω and
gain (g) = 10.
6.3
Intermodulation distortion product
The non-ideal output of the amplifier can be described by the following series of equations.
Vout
C0 C1Vin C2V
2
in
C
+ nV
n
in
+
+
+ ...
=
RHF310A
Intermodulation distortion product
DS6201 - Rev 7
page 13/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com