Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF310A Datasheet(PDF) 21 Page - STMicroelectronics

Part # RHF310A
Description  Rad-hard 400 μA high-speed operational amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF310A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RHF310A Datasheet HTML 17Page - STMicroelectronics RHF310A Datasheet HTML 18Page - STMicroelectronics RHF310A Datasheet HTML 19Page - STMicroelectronics RHF310A Datasheet HTML 20Page - STMicroelectronics RHF310A Datasheet HTML 21Page - STMicroelectronics RHF310A Datasheet HTML 22Page - STMicroelectronics RHF310A Datasheet HTML 23Page - STMicroelectronics RHF310A Datasheet HTML 24Page - STMicroelectronics RHF310A Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Revision history
Table 9. Document revision history
Date
Revision
Changes
26-May-2009
1
Initial release.
12-Jul-2010
2
Added Mass in Featues on cover page.
Added Table 1: "Device summary" on cover page, with full ordering information.
Updated temperature limits for Tmin < Tamb < Tmax in Table 3: "Operating
conditions".
27-Jul-2011
3
Added note to the Package information section and in the "Pin connections"
diagram on the cover page.
09-Jan-2015
4
Document status updated from “Preliminary data” to “Production data”.
Replaced package name with “Flat-8S” instead of “Flat-8”
Replaced package silhouette and added marker to show the position of pin 1 on
package silhouette, pinout and drawing.
Features: updated
Updated Table 1: "Device summary"
Added Section 3: "Radiations"
Added Device description and operation and updated document layout
accordingly.
Added Section 6: "Ordering information"
Added Section 7: "Other information"
15-Mar-2016
5
Updated document layout
Table 1: "Device summary": updated footnote 1, SMD = standard microcircuit
drawing.
31-Mar-2017
6
Added part number RHF310A
Replaced cover image
Updated Features
Updated Applications
Updated Description
Added Section 1: "Pin description"
Table 2: "Absolute maximum ratings": updated Rthja and Rthjc values.
Table 4: updated Bw and SR parameters
Section 5.2: "Total ionizing dose (TID)": corrected typos
Added Section 7.2: "Ceramic Flat-8 package information"
Table 9: "Order codes": updated table title, removed column
“EPPL”, added order codes RHF310AK1 and RHF310AK01V, and updated
footnotes.
13-Feb-2020
7
Removed the part number RHF310 and all its references throughout the
document due to obsolete status.
Updated Section 8 Ordering information.
RHF310A
DS6201 - Rev 7
page 21/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com