Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC120 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ADC120
Description  Evaluation board for the ADC120 8-channel, 50ksps to 1Msps, 12-bit analog to digital converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC120 Datasheet(HTML) 1 Page - STMicroelectronics

  ADC120 Datasheet HTML 1Page - STMicroelectronics ADC120 Datasheet HTML 2Page - STMicroelectronics ADC120 Datasheet HTML 3Page - STMicroelectronics ADC120 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•
12-bit ADC implementing SAR technology
•
50 ksps to 1 Msps conversion rate
•
8-to-1-channel input MUX
•
3.3 V operating supply
•
SPI, serial digital output
•
Very low power consumption
•
RoHS compliant
Description
The STEVAL-AKI001V1 evaluation board allows the user to evaluate the conversion
performance of the ADC120 8-channel analog-to-digital converter designed for
50 ksps to 1 Msps conversion.
The board has several on-board sources like temperature sensor and strain gauge
signals, and can accept external signals to allow measurement and evaluation of the
ADC120 conversion performance based on its successive approximation register
(SAR) with internal track-and-hold cell.
The board is supplied ready-to-use in standalone mode, or it can be plugged onto a
NUCLEO-L476RG board with SMT32 microcontroller, which enables further signal
processing and PC communication.
Product summary
evaluation board for
ADC120 8-Channel,
50ksps to 1Msps, 12-bit
ADC
STEVAL-
AKI001V1
low-power, eight-channel
pure CMOS 12-bit ADC
from 50ksps to 1Msps
ADC120
Recommended Nucleo
boards
NUCLEO-
L476RG
Applications
Power
Supplies and
Converters
Evaluation board for the ADC120 8-channel, 50ksps to 1Msps, 12-bit analog to
digital converter
STEVAL-AKI001V1
Data brief
DB4137 - Rev 1 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ADC120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADC120 STMICROELECTRONICS-ADC120 Datasheet
494Kb / 15P
8-channel, 50 ksps to 1 Msps, 12-bit A/D converter
11-Apr-2019
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 31P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC120

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7475 AD-EVAL-AD7475 Datasheet
537Kb / 13P
Evaluation Board for 1MSPS, 12-Bit ADC
REV.0
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
8-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS8634 TI1-ADS8634 Datasheet
1Mb / 75P
12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
ADS5295 TI-ADS5295 Datasheet
2Mb / 91P
12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
ADS7852 TI1-ADS7852_14 Datasheet
387Kb / 19P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
12-Bit 8-Channel Sampling Analog-to-Digital Converter
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5273 TI1-ADS5273_14 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com