Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC120 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ADC120
Description  Evaluation board for the ADC120 8-channel, 50ksps to 1Msps, 12-bit analog to digital converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC120 Datasheet(HTML) 2 Page - STMicroelectronics

  ADC120 Datasheet HTML 1Page - STMicroelectronics ADC120 Datasheet HTML 2Page - STMicroelectronics ADC120 Datasheet HTML 3Page - STMicroelectronics ADC120 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Schematic diagrams
Figure 1. STEVAL-AKI001V1 schematic diagram
J3
4
9
7
38
U_Plus_minus_5V_input to ADC
36
GND
14
11
IN0
13
10nF
10nF
GND
E5V
IN4
ADC_3
1
9
J4
ADC_1
10
DVCC
32
DIN
SPI interface (compatible with Aardvark connetor)
GND
16
ADC_5
14
29
IN5
U_Strain_gauge to ADC
31
26
5
V_REF
24
3
4
34
SPI_MOSI
DVCC
31
IN5
15
20
5V_NUCLEO
DOUT
SPI_MOSI
SPI_SS
22
7
SPI interface
5
ADC_0
30
IN6
30
GND
28
IN1
26
GND
7
35
SCLK
22
SPI_MISO
28
ADC120
1
C2
3
11
9
J2
GND
Input Signal
NUCLEO - CN10
27
ADC_6
GND
3.3V_NUCLEO
V_REF
16
GND
SPI_SCLK
25
GND
IN6
27
U_Standard ADC inputs
13
5
18
15
37
23
24
25
18
20
AVCC
33
5V_NUCLEO
35
IN3
6
23
Strain_gauge_ref
6
21
ADC_7
U_Power_Supply
IN7
1
C3
17
/CS
29
U_Temperature sensors for ADC
AVCC
38
J1B
11
AVCC
16
IN7
12
33
32
4
19
2
NUCLEO - CN10
2
SPI_SCLK
12
19
ADC_4
IN2
ADC_2
IN3
34
14
Strain_gauge_ref
10
17
5V_NUCLEO
37
8
8
SPI_MISO
IN4
15
AVCC
J1A
GND
GND
10
V_REF
SPI_SS
36
AVCC
IC1
AVCC
21



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com