Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet(PDF) 4 Page - Microchip Technology

Part # 2N7002
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

2N7002 Datasheet(HTML) 4 Page - Microchip Technology

  2N7002 Datasheet HTML 1Page - Microchip Technology 2N7002 Datasheet HTML 2Page - Microchip Technology 2N7002 Datasheet HTML 3Page - Microchip Technology 2N7002 Datasheet HTML 4Page - Microchip Technology 2N7002 Datasheet HTML 5Page - Microchip Technology 2N7002 Datasheet HTML 6Page - Microchip Technology 2N7002 Datasheet HTML 7Page - Microchip Technology 2N7002 Datasheet HTML 8Page - Microchip Technology 2N7002 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2N7002
DS20005797A-page 4
 2018 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
2.0
1.6
1.2
0.8
0.4
0
0
10
20
30
40
50
4V
3V
7V
9V
8V
6V
5V
V
GS = 10V
V
DS (volts)
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g. outside specified power supply range) and therefore outside the warranted range.
FIGURE 2-1:
Output Characteristics.
0.5
0.4
0.3
0.2
0.1
0
0
0.2
0.4
0.6
0.8
10
T
A = -55
OC
V
DS = 25V
25OC
125OC
I
D (amperes)
FIGURE 2-2:
Transconductance vs. Drain
Current.
0.1
1.0
10
100
1.0
0.1
0.01
0.001
T
A = 25
OC
SOT-23 (DC)
SOT-23 (pulsed)
V
DS (volts)
FIGURE 2-3:
Maximum Rated Safe
Operating Area.
FIGURE 2-4:
Saturation Characteristics.
0
2
4
6
8
10
4V
3V
7V
9V
8V
6V
5V
V
DS (volts)
V
GS = 10V
2.0
1.6
1.2
0.8
0.4
0
0
25
50
75
100
125
150
SOT-23
T
C (
OC)
0.5
0.4
0.3
0.2
0.1
0
FIGURE 2-5:
Power Dissipation vs. Case
Temperature.
1.0
0.8
0.6
0.4
0.2
0
0.001
0.01
0.1
1.0
10
SOT-23
T
A = 25
OC
P
D = 0.36W
t
p (seconds)
FIGURE 2-6:
Thermal Response
Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com