Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet(PDF) 7 Page - Microchip Technology

Part # 2N7002
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

2N7002 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 2N7002 Datasheet HTML 3Page - Microchip Technology 2N7002 Datasheet HTML 4Page - Microchip Technology 2N7002 Datasheet HTML 5Page - Microchip Technology 2N7002 Datasheet HTML 6Page - Microchip Technology 2N7002 Datasheet HTML 7Page - Microchip Technology 2N7002 Datasheet HTML 8Page - Microchip Technology 2N7002 Datasheet HTML 9Page - Microchip Technology 2N7002 Datasheet HTML 10Page - Microchip Technology 2N7002 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2018 Microchip Technology Inc.
DS20005797A-page 7
2N7002
4.0
FUNCTIONAL DESCRIPTION
Figure 4-1 illustrates the switching waveforms and test
circuit for 2N7002.
90%
10%
90%
90%
10%
10%
Pulse
Generator
VDD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
r
INPUT
INPUT
OUTPUT
10V
VDD
R
GEN
0V
0V
t
f
FIGURE 4-1:
Switching Waveforms and Test Circuit.
TABLE 4-1:
PRODUCT SUMMARY
BVDSS/BVDGS
(V)
RDS(ON)
(Maximum)
(Ω)
ID(ON)
(Minimum)
(mA)
60
7.5
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com