Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5907 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 39Page - Texas Instruments LP5907 Datasheet HTML 40Page - Texas Instruments LP5907 Datasheet HTML 41Page - Texas Instruments LP5907 Datasheet HTML 42Page - Texas Instruments LP5907 Datasheet HTML 43Page - Texas Instruments LP5907 Datasheet HTML 44Page - Texas Instruments LP5907 Datasheet HTML 45Page - Texas Instruments LP5907 Datasheet HTML 46Page - Texas Instruments LP5907 Datasheet HTML 47Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
PACKAGE OUTLINE
DQN0004A
X2SON - 0.4 mm max height
PLASTIC SMALL OUTLINE - NO LEAD
4215302/E 12/2016
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
3.
The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
4.
Features may not exist. Recommend use of pin 1 marking on top of package for orientation purposes.
5.
Shape of exposed side leads may differ.
6.
Number and location of exposed tie bars may vary.
www.ti.com
B
A
SEATING PLANE
C
0.08
PIN 1
INDEX AREA
0.1
C A B
0.05
C
PIN 1 ID
(OPTIONAL)
NOTE 4
EXPOSED
THERMAL PAD
1
2
3
4
1
1.05
0.95
1.05
0.95
0.4 MAX
2X 0.65
0.48
+0.12
-0.1
3X
0.30
0.15
0.3
0.2
4X
0.28
0.15
0.05
0.00
(0.11)
NOTE 5
NOTE 6
NOTE 6
5
(0.07) TYP
(0.05) TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com