Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5907 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP5907
Description  LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5907 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP5907 Datasheet HTML 8Page - Texas Instruments LP5907 Datasheet HTML 9Page - Texas Instruments LP5907 Datasheet HTML 10Page - Texas Instruments LP5907 Datasheet HTML 11Page - Texas Instruments LP5907 Datasheet HTML 12Page - Texas Instruments LP5907 Datasheet HTML 13Page - Texas Instruments LP5907 Datasheet HTML 14Page - Texas Instruments LP5907 Datasheet HTML 15Page - Texas Instruments LP5907 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
IN
VBG
1.20V
EN
+
EN
EN
GND
POR
+
OUT
1 M
VIH
RF
CF
+
EN
EN
RAD
12
LP5907
SNVS798N – APRIL 2012 – REVISED APRIL 2018
www.ti.com
Product Folder Links: LP5907
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
Designed to meet the needs of sensitive RF and analog circuits, the LP5907 provides low noise, high PSRR, low
quiescent current, as well as low line and load transient response figures. Using new innovative design
techniques, the LP5907 offers class leading noise performance without the need for a separate noise filter
capacitor.
The LP5907 is designed to perform with a single 1-µF input capacitor and a single 1-µF ceramic output
capacitor. With a reasonable PCB layout, the single 1-µF ceramic output capacitor can be placed up to 10 cm
away from the LP5907 device.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Enable (EN)
The LP5907 EN pin is internally held low by a 1-MΩ resistor to GND. The EN pin voltage must be higher than the
VIH threshold to ensure that the device is fully enabled under all operating conditions. The EN pin voltage must
be lower than the VIL threshold to ensure that the device is fully disabled and the automatic output discharge is
activated.
7.3.2 Low Output Noise
Any internal noise at the LP5907 reference voltage is reduced by a first order low-pass RC filter before it is
passed to the output buffer stage. The low-pass RC filter has a –3 dB cut-off frequency of approximately 0.1 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com