Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT175 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74ACT175
Description  QUAD D FLIP-FLOP WITH MASTER RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT175 Datasheet(HTML) 2 Page - ON Semiconductor

  74ACT175 Datasheet HTML 1Page - ON Semiconductor 74ACT175 Datasheet HTML 2Page - ON Semiconductor 74ACT175 Datasheet HTML 3Page - ON Semiconductor 74ACT175 Datasheet HTML 4Page - ON Semiconductor 74ACT175 Datasheet HTML 5Page - ON Semiconductor 74ACT175 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74AC175 MC74ACT175
5-2
FACT DATA
LOGIC DIAGRAM
MR
CP
D3
D2
D1
D0
D
CP
CD
Q
Q3
Q3
Q
Q2
Q2
Q1
Q1
Q0
Q0
D
CP
CD
Q
Q
D
CP
CD
Q
Q
D
CP
CD
Q
Q
Please note that this diagram is provided only for the understanding of logic operations and should not be
used to estimate propagation delays.
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
–0.5 to +7.0
V
Vin
DC Input Voltage (Referenced to GND)
–0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
–0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Sink/Source Current, per Pin
± 50
mA
ICC
DC VCC or GND Current per Output Pin
± 50
mA
Tstg
Storage Temperature
–65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended
Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Min
Unit
VCC
Supply Voltage
′AC
2.0
5.0
6.0
V
VCC
Supply Voltage
′ACT
4.5
5.0
5.5
V
Vin, Vout
DC Input Voltage, Output Voltage (Ref. to GND)
0
VCC
V
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 3.0 V
150
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 4.5 V
40
ns/V
r, tf
′AC Devices except Schmitt Inputs
VCC @ 5.5 V
25
tr, tf
Input Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 4.5 V
10
ns/V
tr, tf
Input Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 5.5 V
8.0
ns/V
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Ambient Temperature Range
–40
25
85
°C
IOH
Output Current — HIGH
–24
mA
IOL
Output Current — LOW
24
mA
1. Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times.
2. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com