Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT175 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74ACT175
Description  QUAD D FLIP-FLOP WITH MASTER RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT175 Datasheet(HTML) 3 Page - ON Semiconductor

  74ACT175 Datasheet HTML 1Page - ON Semiconductor 74ACT175 Datasheet HTML 2Page - ON Semiconductor 74ACT175 Datasheet HTML 3Page - ON Semiconductor 74ACT175 Datasheet HTML 4Page - ON Semiconductor 74ACT175 Datasheet HTML 5Page - ON Semiconductor 74ACT175 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74AC175 MC74ACT175
5-3
FACT DATA
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74AC
74AC
Unit
Conditions
Symbol
Parameter
VCC
(V)
TA = +25°C
TA =
–40
°C to +85°C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
3.0
1.5
2.1
2.1
VOUT = 0.1 V
Input Voltage
4.5
2.25
3.15
3.15
V
or VCC – 0.1 V
5.5
2.75
3.85
3.85
VIL
Maximum Low Level
Input Voltage
3.0
1.5
0.9
0.9
VOUT = 0.1 V
Input Voltage
4.5
2.25
1.35
1.35
V
or VCC – 0.1 V
5.5
2.75
1.65
1.65
VOH
Minimum High Level
Output Voltage
3.0
2.99
2.9
2.9
IOUT = – 50 µA
Output Voltage
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
3.0
2.56
2.46
V
– 12 mA
4.5
3.86
3.76
V
IOH
– 24 mA
5.5
4.86
4.76
– 24 mA
VOL
Maximum Low Level
Output Voltage
3.0
0.002
0.1
0.1
IOUT = 50 µA
Output Voltage
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
3.0
0.36
0.44
V
12 mA
4.5
0.36
0.44
V
IOH
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
µA
VI = VCC, GND
Leakage Current
5.5
±0.1
±1.0
µA
I = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
–75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
µA
VIN = VCC or GND
Supply Current
5.5
8.0
80
µA
IN = VCC or GND
* All outputs loaded; thresholds on input associated with output under test.
† Maximum test duration 2.0 ms, one output loaded at a time.
Note: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.
AC CHARACTERISTICS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
fmax
Maximum Clock
Frequency
3.3
149
139
MHz
3-3
fmax
Frequency
5.0
187
187
MHz
3-3
tPLH
Propagation Delay
CP to Qn or Qn
3.3
2.0
12.0
2.0
13.5
ns
3-6
tPLH
CP to Qn or Qn
5.0
1.5
9.0
1.0
9.5
ns
3-6
tPHL
Propagation Delay
CP to Qn or Qn
3.3
2.5
13.0
2.0
14.5
ns
3-6
tPHL
CP to Qn or Qn
5.0
1.5
9.5
1.5
10.5
ns
3-6
tPLH
Propagation Delay
MR to Qn
3.3
3.0
12.5
2.5
13.5
ns
3-6
tPLH
MR to Qn
5.0
2.0
9.0
1.5
10.0
ns
3-6
tPHL
Propagation Delay
MR to Qn
3.3
3.0
11.0
2.5
12.5
ns
3-6
tPHL
MR to Qn
5.0
2.0
8.5
1.5
9.0
ns
3-6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com