Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4099M013TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4099M013TR
Description  8 BIT ADDRESSABLE LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4099M013TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4099M013TR Datasheet HTML 2Page - STMicroelectronics HCF4099M013TR Datasheet HTML 3Page - STMicroelectronics HCF4099M013TR Datasheet HTML 4Page - STMicroelectronics HCF4099M013TR Datasheet HTML 5Page - STMicroelectronics HCF4099M013TR Datasheet HTML 6Page - STMicroelectronics HCF4099M013TR Datasheet HTML 7Page - STMicroelectronics HCF4099M013TR Datasheet HTML 8Page - STMicroelectronics HCF4099M013TR Datasheet HTML 9Page - STMicroelectronics HCF4099M013TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HCF4099B
6/14
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
See Timing Chart
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
(Data to Output)
5
(1)
200
400
ns
10
75
150
15
50
100
tPLH tPHL Propagation Delay Time
(Write Disable to Output)
5
(2)
200
400
ns
10
80
160
15
60
120
tPLH tPHL Propagation Delay Time
(Address to Output)
5
(9)
225
450
ns
10
100
200
15
75
150
tPHL
Propagation Delay Time
(Reset to Output)
5
(3)
175
350
ns
10
80
160
15
65
130
tTHL tTLH Transition Time
(any output)
5
100
200
ns
10
50
100
15
40
80
tW
Pulse WIdth (Data)
5
(4)
200
100
ns
10
100
50
15
80
40
tW
Pulse WIdth (Address)
5
(8)
400
200
ns
10
200
100
15
125
65
tW
Pulse WIdth (Reset)
5
(5)
150
75
ns
10
75
40
15
50
25
tsetup
Setup Time
(Data to Write Disable)
5
(6)
100
50
ns
10
50
25
15
35
20
thold
Hold Time
(Data to Write Disable)
5
(7)
150
75
ns
10
75
40
15
50
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com