Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4099M013TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4099M013TR
Description  8 BIT ADDRESSABLE LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4099M013TR Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4099M013TR Datasheet HTML 1Page - STMicroelectronics HCF4099M013TR Datasheet HTML 2Page - STMicroelectronics HCF4099M013TR Datasheet HTML 3Page - STMicroelectronics HCF4099M013TR Datasheet HTML 4Page - STMicroelectronics HCF4099M013TR Datasheet HTML 5Page - STMicroelectronics HCF4099M013TR Datasheet HTML 6Page - STMicroelectronics HCF4099M013TR Datasheet HTML 7Page - STMicroelectronics HCF4099M013TR Datasheet HTML 8Page - STMicroelectronics HCF4099M013TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HCF4099B
2/14
IINPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
TRUTH TABLE
D: The level at the data input ; Qi0 The level before the indicated steady state input conditions were established, (i=0, 1,...7)
PIN No
SYMBOL
NAME AND FUNCTION
5, 6, 7
A0 to A2
Address Inputs
9, 10, 11, 12,
13, 14, 15, 1
Q0 to Q7
Latch Outputs
3
DATA
Data Inputs
2
RESET
Reset Input
4
WRITE
DISABLE
Write Disable Input
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage
SELECT INPUTS
LATCH ADDRESSED
CBA
LLL
Q0
LL
H
Q1
LHL
Q2
LH
H
Q3
HL
L
Q4
HLH
Q5
HH
L
Q6
HHH
Q7
INPUTS
OUTPUTS OF
ADDRESSED
LATCH
EACH OTHER
OUTPUT
FUNCTION
WRITE DISABLE
RESET
L
L
D
Qi0
ADDRESSABLE LATCH
L
H
Qi0
Qi0
MEMORY
H
L
D
L
DEMULTIPLEXER
H
H
L
L
CLEAR ALL BITS TO "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com