Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATJ2085 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ATJ2085
Description  ATJ2085 is a single-chip for flash-based digital music player
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATJ2085 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ATJ2085 Datasheet HTML 17Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 18Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 19Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 20Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 21Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 22Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 23Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 24Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ATJ2085
DATA SHEET
Actions
Copyright © 2004 Actions Semiconductor Co., Ltd. All rights reserved.
VER 1.5
Page 20
8/18/2004
These two endpoints employ two independent FIFO for bulk or isochronous transfers. Endpoint 0
and endpoint 3 have 8 bytes maximum packet size. There are 4 interrupt requests for each
endpoint respectively. Generally, this setting should be satisfying for most practical needs.
4.15.1 Hard Core
The USB block includes a USB function with one upstream port. The USB port interfaces to the
micro-controller through a programmable-speed serial interface engine (SIE). The SIE allows the
micro-controller to communicate with the USB host.
4.15.2 Interrupts
Two groups of interrupt requests are used to notify the micro-controller that there is some USB
event pending to be handled. One is Global Interrupt group, and the other is Endpoint Interrupt
group. Whenever an interrupt is generated, the SIE will send a low pulse to the micro-controller.
The IRQ will not be invalidated until all the pending interrupts are cleared.
4.16 FM Interface
ATJ2085 can be used as a controller with Philips FM5767 module. 2-wire or 3-wire also can be
used to control the module.
5. Electrical Characteristics
5.1 Absolute Maximum Ratings
Parameter
Symbol
Typical
Rating
Unit
VDD
2.0V
-0.5 to +2.7
V
Supply voltage
VCC
3.0V
-0.5 to +3.6
V
VCC >= 3.3
-0.5 to +3.9
V
Input voltage
Vi
VCC < 3.3
-0.5 to VCC+0.6
V
Storage
temperature
Tstg
-65 to +150
℃
Note:
1. TO = 25
(
℃
Operating Temperature)
2. Do not short-circuit two or more output pins simultaneously.
3. If even one of the above parameters exceeds the absolute maximum ratings even momentarily,
the quality of the product may be degraded. The absolute maximum ratings, therefore, specify
WWW.MP3JS.COM.CN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com