Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATJ2085 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ATJ2085
Description  ATJ2085 is a single-chip for flash-based digital music player
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATJ2085 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ATJ2085 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATJ2085 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ATJ2085
DATA SHEET
Actions
Copyright © 2004 Actions Semiconductor Co., Ltd. All rights reserved.
VER 1.5
Page 6
8/18/2004
3. Pin Description
3.1 Pin Sort by Number
Pin
No.
Pin Name
I/O Type
Driver
Reset
Default
Short Description
1
GPIO_G0
BI
1.9mA
Driver
Z
Bit0 of General purpose I/O port G
2
RESET-
I
SCU
H
System reset input (active low)
3
VCC
PWR
/
/
Digital power
4
GND
PWR
/
/
Digital ground
5
USBD-
A
/
H
USB data minus
6
USBD+
A
/
H
USB data plus
7
PAVCC
PWR
/
/
Power supply for power amplifier(two bypass
WWW.MP3JS.COM.CN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com