Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT151 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74ACT151
Description  1?뭥f?? Decoder/Demultiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT151 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74ACT151 Datasheet HTML 2Page - ON Semiconductor 74ACT151 Datasheet HTML 3Page - ON Semiconductor 74ACT151 Datasheet HTML 4Page - ON Semiconductor 74ACT151 Datasheet HTML 5Page - ON Semiconductor 74ACT151 Datasheet HTML 6Page - ON Semiconductor 74ACT151 Datasheet HTML 7Page - ON Semiconductor 74ACT151 Datasheet HTML 8Page - ON Semiconductor 74ACT151 Datasheet HTML 9Page - ON Semiconductor 74ACT151 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC74AC151, MC74ACT151
http://onsemi.com
6
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Sn to Z
5.0
3.5
−
15.5
3.0
17.0
ns
3−6
tPHL
Propagation Delay
Sn to Z
5.0
3.5
−
15.5
3.0
16.5
ns
3−6
tPLH
Propagation Delay
Sn to Z
5.0
3.5
−
15
3.0
16.5
ns
3−6
tPHL
Propagation Delay
Sn to Z
5.0
4.0
−
16.5
3.5
18.5
ns
3−6
tPLH
Propagation Delay
E to Z
5.0
2.5
−
9.5
2.5
10.0
ns
3−6
tPHL
Propagation Delay
E to Z
5.0
2.5
−
9.0
2.5
10.0
ns
3−6
tPLH
Propagation Delay
E to Z
5.0
2.5
−
8.5
2.5
9.5
ns
3−6
tPHL
Propagation Delay
E to Z
5.0
3.0
−
10.0
2.5
10.5
ns
3−6
tPLH
Propagation Delay
In to Z
5.0
3.5
−
11.5
3.0
12.5
ns
3−6
tPHL
Propagation Delay
In to Z
5.0
3.5
−
12.0
3.0
13.5
ns
3−6
tPLH
Propagation Delay
In to Z
5.0
3.5
−
12.0
3.0
13.0
ns
3−6
tPHL
Propagation Delay
In to Z
5.0
4.0
−
12.5
3.0
14.0
ns
3−6
*Voltage Range 5.0 V is 5.0 V ± 0.5 V
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
70
pF
VCC = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com