Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT151 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74ACT151
Description  1?뭥f?? Decoder/Demultiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT151 Datasheet(HTML) 5 Page - ON Semiconductor

  74ACT151 Datasheet HTML 1Page - ON Semiconductor 74ACT151 Datasheet HTML 2Page - ON Semiconductor 74ACT151 Datasheet HTML 3Page - ON Semiconductor 74ACT151 Datasheet HTML 4Page - ON Semiconductor 74ACT151 Datasheet HTML 5Page - ON Semiconductor 74ACT151 Datasheet HTML 6Page - ON Semiconductor 74ACT151 Datasheet HTML 7Page - ON Semiconductor 74ACT151 Datasheet HTML 8Page - ON Semiconductor 74ACT151 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74AC151, MC74ACT151
http://onsemi.com
5
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Sn to Z or Z
3.3
3.0
11.5
18.0
3.0
20.0
ns
3−6
5.0
2.5
8.5
13.0
2.0
15.0
tPHL
Propagation Delay
Sn to Z or Z
3.3
2.5
12
18.0
2.5
20.0
ns
3−6
5.0
2.0
8.5
13.0
1.5
15.0
tPLH
Propagation Delay
E to Z or Z
3.3
2.5
8.0
13.0
2.0
14.0
ns
3−6
5.0
2.0
6.0
10.0
1.5
11.0
tPHL
Propagation Delay
E to Z or Z
3.3
1.5
8.5
13.0
1.5
14.0
ns
3−6
5.0
1.5
6.5
10.0
1.5
11.0
tPLH
Propagation Delay
In to Z or Z
3.3
2.5
9.5
14.0
2.0
15.5
ns
3−5
5.0
1.5
7.0
10.5
1.5
11.0
tPHL
Propagation Delay
In to Z or Z
3.3
2.5
9.5
15.0
2.0
16.0
ns
3−5
5.0
1.5
7.0
11.0
1.5
12.0
*Voltage Range 3.3 V is 3.3 V ± 0.3 V
*Voltage Range 5.0 V is 5.0 V ± 0.5 V
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
5.5
1.5
2.0
2.0
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
5.5
1.5
0.8
0.8
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 μA
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
4.5
−
3.86
3.76
IOH
−24 mA
5.5
−
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 μA
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
4.5
−
0.36
0.44
IOL
24 mA
5.5
−
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
−
±0.1
±1.0
μA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
−
1.5
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
−
−
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−
−
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
−
8.0
80
μA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com