Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAUSB3 Datasheet(PDF) 5 Page - Neutrik AG

Part # NAUSB3
Description  Reversible USB 3.0 gender changer (type A and B), Nickel D-housing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NAUSB3 Datasheet(HTML) 5 Page - Neutrik AG

  NAUSB3 Datasheet HTML 1Page - Neutrik AG NAUSB3 Datasheet HTML 2Page - Neutrik AG NAUSB3 Datasheet HTML 3Page - Neutrik AG NAUSB3 Datasheet HTML 4Page - Neutrik AG NAUSB3 Datasheet HTML 5Page - Neutrik AG NAUSB3 Datasheet HTML 6Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Cable lengths
To ensure an error-free data transmission it is essential to use an appropriate cable with correct length. The table below
lists the maximum cable length according to the wire gauge (AWG) of the used USB 3.0 cable.
Wire
gauge
Cable
length
AWG 22
1.75 m
AWG 24
1.0 m
AWG 26
0.6 m
AWG 28
0.35 m
NAUSB3
5
/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com