Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAUSB3 Datasheet(PDF) 6 Page - Neutrik AG

Part # NAUSB3
Description  Reversible USB 3.0 gender changer (type A and B), Nickel D-housing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NAUSB3 Datasheet(HTML) 6 Page - Neutrik AG

  NAUSB3 Datasheet HTML 1Page - Neutrik AG NAUSB3 Datasheet HTML 2Page - Neutrik AG NAUSB3 Datasheet HTML 3Page - Neutrik AG NAUSB3 Datasheet HTML 4Page - Neutrik AG NAUSB3 Datasheet HTML 5Page - Neutrik AG NAUSB3 Datasheet HTML 6Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical Information
Product
Title
NAUSB3
Connection Type
Adapter
Gender
female
Electrical
Reading / Writing speed
>200 MB/s
Mechanical
Wiresize
Mounting direction
Front mounting
Chassis shape
D
Lifetime
> 1000 mating cycles
Material
Contact plating
Au
Contacts
Brass (CuZn39Pb3)
Insert
PBTP 15 % GR
Shell
Zinc diecast (ZnAl4Cu1)
Shell plating
Nickel
Environmental
Flammability
UL 94 V-0
Standard compliance
USB 3.0 specifications
Temperature range
-25 °C to +85 °C
NAUSB3
6
/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com