Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1008L1-R150-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # FP1008L1-R150-R
Description  High frequency, high current power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP1008L1-R150-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  FP1008L1-R150-R Datasheet HTML 1Page - Eaton All Rights Reserved. FP1008L1-R150-R Datasheet HTML 2Page - Eaton All Rights Reserved. FP1008L1-R150-R Datasheet HTML 3Page - Eaton All Rights Reserved. FP1008L1-R150-R Datasheet HTML 4Page - Eaton All Rights Reserved. FP1008L1-R150-R Datasheet HTML 5Page - Eaton All Rights Reserved. FP1008L1-R150-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data
10450
Effective December 2015
FP1008L
High frequency, high current power inductors
www.eaton.com/elx
Packaging information (mm)
Supplied in tape and reel packaging
FP1008L1: 600 parts per 13” diameter reel
FP1008L2: 500 parts per 13” diameter reel
Temperature rise vs. total loss
FP1008L1 (Drawing not to scale)
FP1008L2 (Drawing not to scale)
0
10
20
30
40
50
0.00.1 0.20.3 0.40.5 0.60.7 0.80.9 1.01.1 1.21.3
Total Loss (W)
FP1008L1
0
10
20
30
40
50
0.00.1 0.20.3 0.40.5 0.60.7 0.80.9 1.01.1 1.2
Total Loss (W)
FP1008L2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com