Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1008L1-R150-R Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # FP1008L1-R150-R
Description  High frequency, high current power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP1008L1-R150-R Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  FP1008L1-R150-R Datasheet HTML 1Page - Eaton All Rights Reserved. FP1008L1-R150-R Datasheet HTML 2Page - Eaton All Rights Reserved. FP1008L1-R150-R Datasheet HTML 3Page - Eaton All Rights Reserved. FP1008L1-R150-R Datasheet HTML 4Page - Eaton All Rights Reserved. FP1008L1-R150-R Datasheet HTML 5Page - Eaton All Rights Reserved. FP1008L1-R150-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Technical Data
10450
Effective December 2015
FP1008L
High frequency, high current power inductors
www.eaton.com/elx
Inductance characteristics
0%
20%
40%
60%
80%
100%
120%
0102030405060708090 100 110
IDC (Amps)
FP1008L1-R100-R
-40C
+25C
+100C
+125C
0%
20%
40%
60%
80%
100%
120%
010203040506070
IDC (Amps)
FP1008L1-R150-R
-40C
+25C
+100C
+125C
0%
20%
40%
60%
80%
100%
120%
0102030405060708090
IDC (Amps)
FP1008L2-R150-R
-40C
+25C
+100C
+125C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com