Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT157 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74ACT157
Description  Quad 2-Input Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT157 Datasheet(HTML) 5 Page - ON Semiconductor

  74ACT157 Datasheet HTML 1Page - ON Semiconductor 74ACT157 Datasheet HTML 2Page - ON Semiconductor 74ACT157 Datasheet HTML 3Page - ON Semiconductor 74ACT157 Datasheet HTML 4Page - ON Semiconductor 74ACT157 Datasheet HTML 5Page - ON Semiconductor 74ACT157 Datasheet HTML 6Page - ON Semiconductor 74ACT157 Datasheet HTML 7Page - ON Semiconductor 74ACT157 Datasheet HTML 8Page - ON Semiconductor 74ACT157 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC74AC157, MC74ACT157
http://onsemi.com
5
DC CHARACTERISTICS
74ACT
74ACT
Symbol
Parameter
VCC
(V)
TA = +25°C
TA =
−40
°C to
+85
°C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
ug
e e
Input Voltage
5.5
1.5
2.0
2.0
V
or VCC − 0.1 V
VIL
Maximum Low Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
au
oe e
Input Voltage
5.5
1.5
0.8
0.8
V
or VCC − 0.1 V
VOH
Minimum High Level
4.5
4.49
4.4
4.4
V
IOUT = −50 mA
ug
e e
Output Voltage
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
4.5
−
3.86
3.76
V
IOH
−24 mA
5.5
−
4.86
4.76
IOH
−24 mA
VOL
Maximum Low Level
4.5
0.001
0.1
0.1
V
IOUT = 50 mA
au
oe e
Output Voltage
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
4.5
−
0.36
0.44
V
IOL
24 mA
5.5
−
0.36
0.44
IOL
24 mA
IIN
Maximum Input
55
−
±01
±10
mA
VI =VCC GND
au
u
Leakage Current
5.5
−
±0.1
±1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
−
1.5
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Ot
t C
t
5.5
−
−
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
−
−
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
55
−
80
80
mA
VIN =VCC or GND
a
u
Qu esce
Supply Current
5.5
−
8.0
80
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74ACT
74ACT
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
50
20
−
90
15
10 0
ns
3−6
tPLH
Pro agation Delay
S to Zn
5.0
2.0
−
9.0
1.5
10.0
ns
3−6
tPHL
Propagation Delay
50
20
−
95
20
10 5
ns
3−6
tPHL
Pro agation Delay
S to Zn
5.0
2.0
−
9.5
2.0
10.5
ns
3−6
tPLH
Propagation Delay
50
15
−
10
15
11 5
ns
3−6
tPLH
Pro agation Delay
En to Zn
5.0
1.5
−
10
1.5
11.5
ns
3−6
tPHL
Propagation Delay
50
15
−
85
10
90
ns
3−6
tPHL
Pro agation Delay
En to Zn
5.0
1.5
−
8.5
1.0
9.0
ns
3−6
tPLH
Propagation Delay
50
15
−
70
10
85
ns
3−5
tPLH
Pro agation Delay
In to Zn
5.0
1.5
−
7.0
1.0
8.5
ns
3−5
tPHL
Propagation Delay
50
15
−
75
10
85
ns
3−5
tPHL
Pro agation Delay
In to Zn
5.0
1.5
−
7.5
1.0
8.5
ns
3−5
*Voltage Range 5.0 V is 5.0 V
±0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com