Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT157 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ACT157
Description  Quad 2-Input Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT157 Datasheet(HTML) 1 Page - ON Semiconductor

  74ACT157 Datasheet HTML 1Page - ON Semiconductor 74ACT157 Datasheet HTML 2Page - ON Semiconductor 74ACT157 Datasheet HTML 3Page - ON Semiconductor 74ACT157 Datasheet HTML 4Page - ON Semiconductor 74ACT157 Datasheet HTML 5Page - ON Semiconductor 74ACT157 Datasheet HTML 6Page - ON Semiconductor 74ACT157 Datasheet HTML 7Page - ON Semiconductor 74ACT157 Datasheet HTML 8Page - ON Semiconductor 74ACT157 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 6
1
Publication Order Number:
MC74AC157/D
MC74AC157, MC74ACT157
Quad 2−Input Multiplexer
The MC74AC157/74ACT157 is a high−speed quad 2−input
multiplexer. Four bits of data from two sources can be selected using
the common Select and Enable inputs. The four outputs present the
selected data in the true (noninverted) form.
The MC74AC157/74ACT157 can also be used as a function
generator.
Features
• Outputs Source/Sink 24 mA
• ′ACT157 Has TTL Compatible Inputs
• Pb−Free Packages are Available*
15
16
14
13
12
11
10
2
1
3
4
567
VCC
9
8
E
I0c
I1c
Zc
I0d
I1d
Zd
SI0a
I1a
Za
I0b
I1b
Zb
GND
Figure 1. Pinout: 16−Lead Packages Conductors
(Top View)
TRUTH TABLE
Inputs
Outputs
E
S
I0
I1
Z
H
X
X
X
L
L
H
X
L
L
L
H
X
H
H
L
L
L
X
L
L
L
H
X
H
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PDIP−16
N SUFFIX
CASE 648
1
16
SOIC−16
D SUFFIX
CASE 751B
1
16
TSSOP−16
DT SUFFIX
CASE 948F
1
16
See general marking information in the device marking
section on page 3 of this data sheet.
DEVICE MARKING INFORMATION
1
16
EIAJ−16
M SUFFIX
CASE 966
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
FUNCTION
PIN NAMES
I0a−I0d
I1a−I1d
PIN
Source 0 Data Inputs
E
S
Source 0 Data Inputs
Enable Input
Select Input
Outputs
Za−Zd
http://onsemi.com


Similar Part No. - 74ACT157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT157 ONSEMI-74ACT157 Datasheet
182Kb / 11P
Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
logo
STMicroelectronics
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
277Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER
Apr-2001
74ACT157B STMICROELECTRONICS-74ACT157B Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT157B STMICROELECTRONICS-74ACT157B Datasheet
277Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER
Apr-2001
More results

Similar Description - 74ACT157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
Quad 2-input multiplexer
1998 Apr 30
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
Quad 2-Input Multiplexer
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com