Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1507-650-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # FPV1507-650-R
Description  Dual conductor high current power inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FPV1507-650-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  FPV1507-650-R Datasheet HTML 1Page - Eaton All Rights Reserved. FPV1507-650-R Datasheet HTML 2Page - Eaton All Rights Reserved. FPV1507-650-R Datasheet HTML 3Page - Eaton All Rights Reserved. FPV1507-650-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
10347
Effective May 2016
FPV1507
Dual conductor high current power inductor
www.eaton.com/elx
Product Specifications
Part Number5
OCL1
(nH) ±10%
Irms2
(A)
Isat3
(A)
DCR4 (mΩ)
@ 20°C
Q minimum
reference only
FPV1507-500-R
500
20
40
1.15 ± 0.173
135
FPV1507-650-R
650
20
31
1.15 ± 0.173
135
1. Open Circuit Inductance (OCL) Test Parameters: 1.0 MHz, 0.1 Vrms, 0.0 Adc, +25 °C (Pins 1-3, short 2-4)
2. Irms: DC current for an approximate temperature rise of 40 °C without core loss. Derating is necessary for AC currents.
PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the
temperature rise. It is recommended that the temperature of the part not exceed 125 °C under worst case operating
conditions verified in the end application.
3. Isat : Peak current for approximately 2% rolloff @ +25 °C
4. DCR measured from Pins (1-2) and (3-4)
5. Part Number Definition: FPV1507-xxx-R
FPV1507 = Product code and size
xxx= Inductance value in nH,
-R suffix = RoHS compliant
6. Q test parameters: 1 MHz, 0.1 V
rms, +25 ºC, (Pins 1-3, short 2-4)
Note: Hipot: 200 Vdc minimum for 2 seconds, 0.1 mA pins (1-2) to (4-3)
Dimensions (mm)
DCR measured from point “A” to point “B”
Part marking: FPV1507-XXX (XXX= inductance value in nH), wwllyy=date code, R=revision level
Soldering surfaces to be coplanar within 0.1 millimeters
Pins 2 & 4 are connected through the PCB trace
Recommended Pad Layout
Schematic
1.4
2.60
0.50
3.30
1
2
4
3
2
3
4
1
14.6
2.60
0.56
1.15
±0.1
10.1
±0.5
0.7
±0.2
2.3
±0.3
6.3
±0.30
8.3
±0.3
14.6
±0.5
4
1
3
2
B
A
Resist area
FPV1507-XXX
wwllyy R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com