Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1507-650-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # FPV1507-650-R
Description  Dual conductor high current power inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FPV1507-650-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  FPV1507-650-R Datasheet HTML 1Page - Eaton All Rights Reserved. FPV1507-650-R Datasheet HTML 2Page - Eaton All Rights Reserved. FPV1507-650-R Datasheet HTML 3Page - Eaton All Rights Reserved. FPV1507-650-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data
10347
Effective May 2016
FPV1507
Dual conductor high current power inductor
www.eaton.com/elx
Inductance characteristics
Packaging information (mm)
Supplied in tape and reel packaging, 600 parts per 13” diameter reel
8.60
User direction of feed
16.0
11.5
1.75
24.0
+/-0.3
14.90
6.6
1.5 dia
1.5 dia
4.0
2.0
Section A – AA
A
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
05 10 15 20 25 30 35 40 45 50 55 60 65
IDC (A)
FPV1505-500-R
-55°C
+125°C
+25°C
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
05
10 15 20 25 30 35 40 45 50 55
IDC (A)
FPV1507-650-R
-55°C
+125°C
+25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com