Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM1707-2R2-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HCM1707-2R2-R
Description  High current power inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1707-2R2-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HCM1707-2R2-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1707-2R2-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1707-2R2-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1707-2R2-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1707-2R2-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM1707-2R2-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM1707-2R2-R Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product description
• High current carrying capacity
• Magnetically shielded, low EMI
• Frequency range up to 1MHz
• Inductance range from 1.5μH to 68.0μH
• Current range from 5.2 to 40.0 amps
• 17.5x17.2mm footprint surface mount
package in a 7.0mm height
• Powder iron core material
• Halogen free, lead free, RoHS compliant
Applications
• Voltage Regulator Module (VRM)
• Multi-phase regulators
• Point-of-load modules
• Desktop and server VRMs and EVRDs
• Data networking and storage systems
• Base station equipment
• Battery power systems
Environmental data
• Storage temperature range (Component):
-55°C to +125°C
• Operating temperature range: -55°C to +125°C
(ambient + self-temperature rise)
• Solder reflow temperature: J-STD-020D
compliant
Coiltronics HCM1707 Series
High current power inductors
Technical Data 10295
Effective August 2014
Coiltronics is now
part of Eaton
Same great
products plus
even more.
The Coiltronics brand of
magnetics (formerly of
the Bussmann Division of
Cooper Industries)
is now part of
Eaton’s Electrical Group,
Electronics Division.
HALOGEN
HF
FREE
Pb


Similar Part No. - HCM1707-2R2-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCM1100 ETC1-HCM1100 Datasheet
158Kb / 1P
HIGH SPEED C-MOS HCM1100 SERIES - 4 PIN DIP PACKAGE
HCM1100A ETC1-HCM1100A Datasheet
158Kb / 1P
HIGH SPEED C-MOS HCM1100 SERIES - 4 PIN DIP PACKAGE
HCM1100AD ETC1-HCM1100AD Datasheet
158Kb / 1P
HIGH SPEED C-MOS HCM1100 SERIES - 4 PIN DIP PACKAGE
HCM1100AE ETC1-HCM1100AE Datasheet
158Kb / 1P
HIGH SPEED C-MOS HCM1100 SERIES - 4 PIN DIP PACKAGE
HCM1100AF ETC1-HCM1100AF Datasheet
158Kb / 1P
HIGH SPEED C-MOS HCM1100 SERIES - 4 PIN DIP PACKAGE
More results

Similar Description - HCM1707-2R2-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
SDL11T08P-R25MF SUPERWORLD-SDL11T08P-R25MF Datasheet
779Kb / 1P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com