Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1716632 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1716632
Description  Printed-circuit board connector - DFK-PC 5/ 4-STF-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1716632 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1716632 Datasheet HTML 1Page - PHOENIX CONTACT 1716632 Datasheet HTML 2Page - PHOENIX CONTACT 1716632 Datasheet HTML 3Page - PHOENIX CONTACT 1716632 Datasheet HTML 4Page - PHOENIX CONTACT 1716632 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/1716632
11.10.2012   Page 4 / 5
Printed-circuit board connector - DFK-PC 5/ 4-STF-7,62 - 1716632
Approvals
cUL Recognized 
 
B
C
mm²/AWG/kcmil
24-8
24-8
Nominal current IN
41 A
41 A
Nominal voltage UN
600 V
600 V
GOST 
cULus Recognized 
Drawings
Diagram
100
80
60
40
20
0
8
16
24
32
40
48
56
64
0
1
2
3
=2-pos.
=5-pos.
=12-pos.
1
2
3
Ambienttemperature[°C]
Derating curve for: DFK-PC 5/...-ST-7,62 with PC 5/...-ST-7,62
Conductor cross section = 6 mm<sup>2</sup>
Diagram
100
80
60
40
20
0
10
20
30
40
50
60
70
80
0
1
2
3
=2-pos.
=5-pos.
=12-pos.
1
2
3
Ambienttemperature[°C]
Derating curve for: DFK-PC 5/...-ST-7,62 with PC 5/...-ST-7,62
Conductor cross section = 10 mm<sup>2</sup>
Dimensioned drawing
36,55
12,4
a+42,24
a+36,24
7,62
7,62
a
Dimensioned drawing
a+36,24
+0,2
14,1
14,1
Sheet metal cutout for snap-on.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com