Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1716632 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1716632
Description  Printed-circuit board connector - DFK-PC 5/ 4-STF-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1716632 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1716632 Datasheet HTML 1Page - PHOENIX CONTACT 1716632 Datasheet HTML 2Page - PHOENIX CONTACT 1716632 Datasheet HTML 3Page - PHOENIX CONTACT 1716632 Datasheet HTML 4Page - PHOENIX CONTACT 1716632 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/1716632
11.10.2012   Page 1 / 5
Printed-circuit board connector - DFK-PC 5/ 4-STF-7,62 - 1716632
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 41 A, Rated voltage (III/2): 1000 V, Number of positions: 4, Pitch:
7.62 mm, Connection method: Screw connection, Color: green, Contact surface: Tin
Why buy this product
 Feed-through headers for use in combination with PC 5 plugs
 Panel thickness of 1 mm to 3 mm
 Mounted on the housing panel by means of tool-free snap-lock mechanism or conventional screw connection
 Screw connection for direct wiring on the inside of the device
 
Key commercial data
Packing unit
0
Minimum order quantity
10
Catalog page
Page 455 (CC-2011)
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Pitch
7.62 mm
Dimension a
22.86 mm
Number of positions
4
Screw thread
M3
Tightening torque, min
0.7 Nm
Tightening torque max
0.8 Nm
Technical data
Range of articles
DFK-PC 5/..-STF
Insulating material group
I
Rated surge voltage (III/3)
8 kV
Rated surge voltage (III/2)
8 kV


Similar Part No. - 1716632

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1716600000 WEIDMULLER-1716600000 Datasheet
97Kb / 5P
BL 5.08/3 SN SW
1716600000 WEIDMULLER-1716600000 Datasheet
97Kb / 5P
BL 5.08/3 SN OR
1716600000 WEIDMULLER-1716600000 Datasheet
97Kb / 5P
BL 5.08/5 SN OR
1716600000 WEIDMULLER-1716600000 Datasheet
97Kb / 5P
BL 5.08/6 SN SW
1716600000 WEIDMULLER-1716600000 Datasheet
97Kb / 5P
BL 5.08/7 SN OR
More results

Similar Description - 1716632

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716771 PHOENIX-1716771 Datasheet
86Kb / 4P
Printed-circuit board connector - DFK-PC 5/ 7-STF-SH-7,62
1716797 PHOENIX-1716797 Datasheet
86Kb / 4P
Printed-circuit board connector - DFK-PC 5/ 9-STF-SH-7,62
1716807 PHOENIX-1716807 Datasheet
86Kb / 4P
Printed-circuit board connector - DFK-PC 5/10-STF-SH-7,62
1716810 PHOENIX-1716810 Datasheet
86Kb / 4P
Printed-circuit board connector - DFK-PC 5/11-STF-SH-7,62
1716823 PHOENIX-1716823 Datasheet
86Kb / 4P
Printed-circuit board connector - DFK-PC 5/12-STF-SH-7,62
1716629 PHOENIX-1716629 Datasheet
89Kb / 5P
Printed-circuit board connector - DFK-PC 5/ 3-STF-7,62
1716674 PHOENIX-1716674 Datasheet
82Kb / 4P
Printed-circuit board connector - DFK-PC 5/ 8-STF-7,62
1716700 PHOENIX-1716700 Datasheet
82Kb / 4P
Printed-circuit board connector - DFK-PC 5/11-STF-7,62
1716713 PHOENIX-1716713 Datasheet
82Kb / 4P
Printed-circuit board connector - DFK-PC 5/12-STF-7,62
1716755 PHOENIX-1716755 Datasheet
86Kb / 4P
Printed-circuit board connector - DFK-PC 5/ 5-STF-SH-7,62
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com