Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT157 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ACT157
Description  Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT157 Datasheet(HTML) 1 Page - ON Semiconductor

  74ACT157 Datasheet HTML 1Page - ON Semiconductor 74ACT157 Datasheet HTML 2Page - ON Semiconductor 74ACT157 Datasheet HTML 3Page - ON Semiconductor 74ACT157 Datasheet HTML 4Page - ON Semiconductor 74ACT157 Datasheet HTML 5Page - ON Semiconductor 74ACT157 Datasheet HTML 6Page - ON Semiconductor 74ACT157 Datasheet HTML 7Page - ON Semiconductor 74ACT157 Datasheet HTML 8Page - ON Semiconductor 74ACT157 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 6
1
Publication Order Number:
MC74AC253/D
MC74AC253, MC74ACT253
Dual 4−Input Multiplexer
with 3−State Outputs
The MC74AC253/74ACT253 is a dual 4−input multiplexer with
3−state outputs. It can select two bits of data from four sources using
common select inputs. The outputs may be individually switched to a
high impedance state with a HIGH on the respective Output Enable
(OE) inputs, allowing the outputs to interface directly with bus
oriented systems.
• Multifunctional Capability
• Noninverting 3−State Outputs
• Outputs Source/Sink 24 mA
• ′ACT253 Has TTL Compatible Inputs
w These devices are available in Pb−free package(s). Specifications herein
apply to both standard and Pb−free devices. Please see our website at
www.onsemi.com for specific Pb−free orderable part numbers, or
contact your local ON Semiconductor sales office or representative.
15
16
14
13
12
11
10
2
1
3
456
7
VCC
9
8
OEb
S0
I3b
I2b
I1b
I0b
Zb
OEa
S1
I3a
I2a
I1a
I0a
Za
GND
Figure 1. Pinout: 16−Lead Packages Conductors
(Top View)
PIN NAME
PIN
FUNCTION
I0a−I3a
Side A Data Inputs
I0b−I3b
Side B Data Inputs
S0, S1
Common Select Inputs
OEa
Side A Output Enable Input
OEb
Side B Output Enable Input
Za, Zb
3−State Outputs
http://onsemi.com
DIP−16
N SUFFIX
CASE 648
1
16
SO−16
D SUFFIX
CASE 751B
1
16
Device
Package
Shipping
ORDERING INFORMATION
MC74AC253N
PDIP−16
25 Units/Rail
MC74AC253D
SOIC−16
48 Units/Rail
MC74AC253DR2
2500 Tape & Reel
TSSOP−16
DT SUFFIX
CASE 948F
MC74AC253DT
TSSOP−16
96 Units/Rail
MC74AC253DTR2 TSSOP−16
SOIC−16
2500 Tape & Reel
MC74ACT253N
PDIP−16
25 Units/Rail
MC74ACT253D
SOIC−16
48 Units/Rail
MC74ACT253DR2
2500 Tape & Reel
MC74ACT253DT
TSSOP−16
96 Units/Rail
MC74ACT253DTR2 TSSOP−16
SOIC−16
2500 Tape & Reel
1
16
See general marking information in the device marking
section on page 7 of this data sheet.
DEVICE MARKING INFORMATION
1
16
EIAJ−16
M SUFFIX
CASE 966
MC74AC253M
EIAJ−16
MC74AC253MEL
EIAJ−16
2000 Tape & Reel
MC74ACT253M
EIAJ−16
MC74ACT253MEL
EIAJ−16
2000 Tape & Reel
50 Units/Rail
50 Units/Rail


Similar Part No. - 74ACT157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT157 ONSEMI-74ACT157 Datasheet
106Kb / 10P
Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
STMicroelectronics
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
277Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER
Apr-2001
74ACT157B STMICROELECTRONICS-74ACT157B Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT157B STMICROELECTRONICS-74ACT157B Datasheet
277Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER
Apr-2001
More results

Similar Description - 74ACT157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153 Datasheet
180Kb / 12P
Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74AC257 ONSEMI-MC74AC257 Datasheet
182Kb / 12P
Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
Dual 4-Input Multiplexer with 3-STATE Outputs
logo
ON Semiconductor
NL27WZ125 ONSEMI-NL27WZ125_06 Datasheet
71Kb / 5P
Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 5
NL27WZ126 ONSEMI-NL27WZ126_06 Datasheet
73Kb / 6P
Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 6
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_07 Datasheet
326Kb / 12P
Dual 4-Input Multiplexer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC352 ONSEMI-MC74AC352 Datasheet
178Kb / 7P
Dual 4?묲nput Multiplexer
June, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com