Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP18480 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 35Page - Microchip Technology MCP18480 Datasheet HTML 36Page - Microchip Technology MCP18480 Datasheet HTML 37Page - Microchip Technology MCP18480 Datasheet HTML 38Page - Microchip Technology MCP18480 Datasheet HTML 39Page - Microchip Technology MCP18480 Datasheet HTML 40Page - Microchip Technology MCP18480 Datasheet HTML 41Page - Microchip Technology MCP18480 Datasheet HTML 42Page - Microchip Technology MCP18480 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
 2003 Microchip Technology Inc.
DS20091B-page 39
MCP18480
4.0
APPLICATIONS INFORMATION
The MCP18480 can be programmed to have the PWR-
GOOD signal be either active-high or active-low via the
ISET pin and the connection of the external RISET resis-
tor (see Section 6.8.8, “Bias Block”). If the RISET resis-
tor is connected between ISET and VNEG, the
PWRGOOD output pin is an active-high signal. If the
RISET resistor is connected between ISET and VREFIN,
the PWRGOOD output pin is an active-low signal.
For systems using an active-low-enabled DC/DC con-
verter module, the MCP18480 should be programmed
for a high-active PWRGOOD output. Tying the RISET
resistor to the VNEG pin configures the PWRGOOD to
be an active-high signal. The active-high PWRGOOD
switches on the external NPN and the collector of the
external NPN (labeled as GOODPWR) is pulled to
VNEG, enabling a low-active GOODPWR and resulting
in enabling the DC/DC module.
For active-high DC/DC converter modules, the
MCP18480 should be programmed for a low active
PWRGOOD output. Connecting RISET to the VREFIN
pin will enable an active-low PWRGOOD output. Refer
to Figure 4-1 and Figure 4-2 for schematics.
Figure 4-1 shows a typical telecom application circuit
where the DC/DC module is active-high. Figure 4-2
shows a typical telecom application circuit where the
DC/DC module is active-low. The polarity of the
MCP18480’s PWRGOOD pin (active-high or active-
low) is dependant on the state of the ISET pin.
FIGURE 4-1:
Typical Operating Circuit for Telecom Applications with Active-High power Module -
foldback current limit enabled.
+
RUV1
ROV2
RUV2
CUVD
RISET
Ctimer
RDISCH
RUVHYS
RPOS
CBYP2
RSENSE
RDRAIN1
RDRAIN2
RFB1
RFB2
CGD
RGD
RG1
CG1
QPG2
QPG3
RPG2
RPG6
M1
CBYPL
RBYPL
VNEG
RPG1
RPG5
4k
Ω
2µF
10nF
1.74 M
Ω
453 k
Ω
280 k
Ω
59 k
Ω
30.9 k
Ω
800 nF
124 k
Ω
680 nF
1.6 M
Ω
0.01
Ω
7.5 k
Ω
110 k
Ω
MPSA43
100 nF 10Ω 3.3 nF
18 k
Ω
680
Ω
36 k
Ω
36 k
Ω
1500
Ω
100 µF
51 k
Ω
2N5400
NTE261
124 k
Ω
115 k
Ω
1.74 M
Ω
1.6 M
Ω
NTE2388
RZ
24.9 k
Ω
5V RPG3
RPG4
QPG1
RESTART
ENABLE
PWRGOOD
VPOS
OVTH
UVTH
UVHYS
UVD
VREFIN
VREFOUT
CL
ISET
TIMER
OVO
DRAINTH
VFB
GATE
SENSE
VNEG
RDISCH
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DC/DC
Converter
Module
VIN+
VIN-
VOUT+
VOUT-
ON/OFF
100 V
78V
Fuse 10A
GND
Transorb
CBYP1
ROV1
GOODPWR
MCP18480
SRS
SEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com