Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP18480 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 9Page - Microchip Technology MCP18480 Datasheet HTML 10Page - Microchip Technology MCP18480 Datasheet HTML 11Page - Microchip Technology MCP18480 Datasheet HTML 12Page - Microchip Technology MCP18480 Datasheet HTML 13Page - Microchip Technology MCP18480 Datasheet HTML 14Page - Microchip Technology MCP18480 Datasheet HTML 15Page - Microchip Technology MCP18480 Datasheet HTML 16Page - Microchip Technology MCP18480 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
 2003 Microchip Technology Inc.
DS20091B-page 13
MCP18480
FIGURE 1-7:
Current Limit Waveform.
TABLE 1-8:
CURRENT LIMIT TIMING REQUIREMENTS
Param.
No.
Parameter
Sym
Min
Typ Max Units
Conditions
MA050
External Short to Timer period start
TSHORT2TIMERS
—
171
—
mS
MA051
Timer period
TTIMERP—
5.8
—
sec
CTIMER = 0.68 µF
RDISCH = 1.6 MΩ
MA053
ENABLE High to Timer period start
TENABLEH2TIMERS—
30.5
—
mS
CTIMER = 0.68 µF
RDISCH = 1.6 MΩ
MA054
RESTART Low to Timer period
start
TRESTARTL2TIMERS—
30.9
—
mS
CTIMER = 0.68 µF
RDISCH = 11.6 MΩ
MA055
External Short removed to Timer off
Note 2
TNOSHORT2TIMERO—
5.8
—
sec
CTIMER = 0.68 µF
RDISCH = 1.6 MΩ
Note 1: Minimum and maximum specifications will be provided in future revisions of this data sheet.
2: This is up to one additional timer period because the external short circuit is removed asynchronously to
the timer. The timer must time out before normal operation returns.
Timer
GATE
SENSE
MA051
ENABLE
RESTART
MA053
MA055
External Short Condition On-Board
MA054
MA050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com