Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HANDWOUND Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HANDWOUND
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HANDWOUND Datasheet(HTML) 3 Page - NXP Semiconductors

  HANDWOUND Datasheet HTML 1Page - NXP Semiconductors HANDWOUND Datasheet HTML 2Page - NXP Semiconductors HANDWOUND Datasheet HTML 3Page - NXP Semiconductors HANDWOUND Datasheet HTML 4Page - NXP Semiconductors HANDWOUND Datasheet HTML 5Page - NXP Semiconductors HANDWOUND Datasheet HTML 6Page - NXP Semiconductors HANDWOUND Datasheet HTML 7Page - NXP Semiconductors HANDWOUND Datasheet HTML 8Page - NXP Semiconductors HANDWOUND Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MRFX600H MRFX600HS MRFX600GS
3
RF Device Data
NXP Semiconductors
Table 4. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS =65 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
1.1
—
pF
Output Capacitance
(VDS =65 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
84
—
pF
Input Capacitance
(VDS =65 Vdc, VGS =0 Vdc  30 mV(rms)ac @ 1 MHz)
Ciss
—
299
—
pF
Functional Tests (2) (In NXP Production Test Fixture, 50 ohm system) VDD =65 Vdc, IDQ(A+B) = 100 mA, Pout = 600 W Peak
(120 W Avg.), f = 230 MHz, 100 sec Pulse Width, 20% Duty Cycle
Power Gain
Gps
24.5
26.4
27.5
dB
Drain Efficiency
D
71.0
74.4
—
%
Input Return Loss
IRL
—
–23
–12
dB
Table 5. Load Mismatch/Ruggedness (In NXP Production Test Fixture, 50 ohm system) IDQ(A+B) = 100 mA
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
230
Pulse
(100 sec, 20% Duty Cycle)
> 65:1 at all
Phase Angles
2.5 Peak
(3 dB Overdrive)
65
No Device Degradation
Table 6. Ordering Information
Device
Tape and Reel Information
Package
MRFX600HR5
R5 Suffix = 50 Units, 56 mm Tape Width, 13--inch Reel
NI--780H--4L
MRFX600HSR5
R5 Suffix = 50 Units, 32 mm Tape Width, 13--inch Reel
NI--780S--4L
MRFX600GSR5
NI--780GS--4L
1. Each side of device measured separately.
2. Measurements made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull wing
(GS) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com