Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HANDWOUND Datasheet(PDF) 1 Page - NXP Semiconductors

Part # HANDWOUND
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HANDWOUND Datasheet(HTML) 1 Page - NXP Semiconductors

  HANDWOUND Datasheet HTML 1Page - NXP Semiconductors HANDWOUND Datasheet HTML 2Page - NXP Semiconductors HANDWOUND Datasheet HTML 3Page - NXP Semiconductors HANDWOUND Datasheet HTML 4Page - NXP Semiconductors HANDWOUND Datasheet HTML 5Page - NXP Semiconductors HANDWOUND Datasheet HTML 6Page - NXP Semiconductors HANDWOUND Datasheet HTML 7Page - NXP Semiconductors HANDWOUND Datasheet HTML 8Page - NXP Semiconductors HANDWOUND Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MRFX600H MRFX600HS MRFX600GS
1
RF Device Data
NXP Semiconductors
RF Power LDMOS Transistors
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFETs
These high ruggedness devices are designed for use in high VSWR
industrial, medical, broadcast, aerospace and mobile radio applications. Their
unmatched input and output design supports frequency use from 1.8 to
400 MHz.
Typical Performance
Frequency
(MHz)
Signal Type
VDD
(V)
Pout
(W)
Gps
(dB)
D
(%)
87.5–108 (1,2)
CW
62
680 CW
21.3
83.0
230 (3)
Pulse
(100 sec, 20% Duty Cycle)
65
600 Peak
26.4
74.4
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test
Voltage
Result
230 (3)
Pulse
(100 sec, 20%
Duty Cycle)
> 65:1 at all
Phase Angles
2.5 Peak
(3 dB
Overdrive)
65
No Device
Degradation
1. Measured in 87.5–108 MHz broadband reference circuit (page 5).
2. The values shown are the center band performance numbers across the indicated
frequency range.
3. Measured in 230 MHz production test fixture (page 10).
Features
 Unmatched input and output allowing wide frequency range utilization
 Output impedance fits a 4:1 transformer
 Device can be used single--ended or in a push--pull configuration
 Qualified up to a maximum of 65 VDD operation
 Characterized from 30 to 65 V for extended power range
 High breakdown voltage for enhanced reliability
 Suitable for linear application with appropriate biasing
 Integrated ESD protection with greater negative gate--source voltage range
for improved Class C operation
 Included in NXP product longevity program with assured supply for a
minimum of 15 years after launch
Typical Applications
 Industrial, scientific, medical (ISM)
– Laser generation
– Plasma generation
– Particle accelerators
– MRI, RF ablation and skin treatment
– Industrial heating, welding and drying systems
 Radio and VHF TV broadcast
 Aerospace
– HF communications
– Radar
 Mobile radio
– HF and VHF communications
– PMR base stations
Document Number: MRFX600H
Rev. 0, 09/2018
NXP Semiconductors
Technical Data
1.8–400 MHz, 600 W CW, 65 V
WIDEBAND
RF POWER LDMOS TRANSISTORS
MRFX600H
MRFX600HS
MRFX600GS
NI--780S--4L
MRFX600HS
NI--780H--4L
MRFX600H
NI--780GS--4L
MRFX600GS
Figure 1. Pin Connections
(Top View)
Drain A
31
42 Drain B
Gate A
Gate B
Note: The backside of the package is the
source terminal for the transistor.
 2018 NXP B.V.


Similar Part No. - HANDWOUND

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
Handwound FREESCALE-Handwound Datasheet
857Kb / 23P
RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - HANDWOUND

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 3/2016
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
RF Power LDMOS Transistors
Rev. 1, 08/2017
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
RF Power LDMOS Transistors
Rev. 1, 05/2019
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
RF Power LDMOS Transistors
Rev. 0, 5/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com