Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT32 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ACT32
Description  QUAD 2-INPUT OR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT32 Datasheet(HTML) 1 Page - ON Semiconductor

  74ACT32 Datasheet HTML 1Page - ON Semiconductor 74ACT32 Datasheet HTML 2Page - ON Semiconductor 74ACT32 Datasheet HTML 3Page - ON Semiconductor 74ACT32 Datasheet HTML 4Page - ON Semiconductor 74ACT32 Datasheet HTML 5Page - ON Semiconductor 74ACT32 Datasheet HTML 6Page - ON Semiconductor 74ACT32 Datasheet HTML 7Page - ON Semiconductor 74ACT32 Datasheet HTML 8Page - ON Semiconductor 74ACT32 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 7
1
Publication Order Number:
MC74AC32/D
MC74AC32, MC74ACT32
Quad 2−Input OR Gate
Features
• Outputs Source/Sink 24 mA
• ′ACT32 Has TTL Compatible Inputs
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Supply Voltage (Referenced to GND)
VCC
−0.5 to +7.0
V
DC Input Voltage (Referenced to GND)
Vin
−0.5 to VCC
+0.5
V
DC Output Voltage (Referenced to GND)
Vout
−0.5 to VCC
+0.5
V
DC Input Current, per Pin
Iin
±20
mA
DC Output Sink/Source Current, per Pin
Iout
±50
mA
DC VCC or GND Current per Output Pin
ICC
±50
mA
Storage Temperature
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
RecommendedOperating Conditions may affect device reliability.
13
14
12
11
10
9
8
2
1
34567
VCC
GND
Figure 1. Pinout: 14−Lead Packages Conductors
(Top View)
http://onsemi.com
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SOEIAJ−14
M SUFFIX
CASE 965
SOIC−14
D SUFFIX
CASE 751A
14
1
14
1
14
1
PDIP−14
N SUFFIX
CASE 646
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
See specific marking information in the device marking
section on page 5 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - 74ACT32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT32 STMICROELECTRONICS-74ACT32 Datasheet
67Kb / 7P
QUAD 2-INPUT OR GATE
Apr-1997
74ACT32 STMICROELECTRONICS-74ACT32 Datasheet
181Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
logo
Fairchild Semiconductor
74ACT32 FAIRCHILD-74ACT32 Datasheet
307Kb / 10P
Quad 2-Input OR Gate
74ACT32 FAIRCHILD-74ACT32 Datasheet
307Kb / 10P
Quad 2-Input OR Gate
logo
Silicon Supplies
74ACT32 SS-74ACT32 Datasheet
732Kb / 5P
Advanced CMOS TTL Input
More results

Similar Description - 74ACT32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
Quad 2-Input OR Gate
logo
Fairchild Semiconductor
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com