Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 30Page - National Semiconductor (TI) LM4935 Datasheet HTML 31Page - National Semiconductor (TI) LM4935 Datasheet HTML 32Page - National Semiconductor (TI) LM4935 Datasheet HTML 33Page - National Semiconductor (TI) LM4935 Datasheet HTML 34Page - National Semiconductor (TI) LM4935 Datasheet HTML 35Page - National Semiconductor (TI) LM4935 Datasheet HTML 36Page - National Semiconductor (TI) LM4935 Datasheet HTML 37Page - National Semiconductor (TI) LM4935 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 112 page
background image
12.0 Status & Control Registers (Continued)
12.13 AGC_2 CONFIGURATION REGISTER
This register is used to control the LM4935’s Automatic Gain Control.
TABLE 14. AGC_2 (0x09h)
Bits
Field
Description
3:0
AGC_MAX_GAIN
This programs the maximum gain that the AGC algorithm can apply to the microphone preamplifier.
AGC_MAX_GAIN
Max Preamplifier Gain
0000
2
6dB
0001
2
8dB
0010
2
10 dB
0011
2
12 dB
0100
2 to 11002
14 dB to 30 dB
1101
2
32 dB
1110
2
34 dB
1111
2
36 dB
6:4
AGC_DECAY
Programs the speed at which the AGC will increase gains if it detects the input level is a quiet
signal.
AGC_DECAY
Step Time (ms)
000
2
32
001
2
64
010
2
128
011
2
256
100
2
512
101
2
1024
110
2
2048
111
2
4096
7
AGC_TIGHT
If set the AGC algorithm controls the microphone preamplifier more exactly. (Note 17)
AGC_TIGHT = 0
AGC_TARGET
Min Level
Max Level
000
2
−6 dB
−3 dB
001
2
−8 dB
−4 dB
010
2
−10 dB
−5 dB
011
2
−12 dB
−6 dB
100
2
−14 dB
−7 dB
101
2
−16 dB
−8 dB
110
2
−18 dB
−9 dB
111
2
−20 dB
−10 dB
AGC_TIGHT = 1
000
2
−6 dB
−3 dB
001
2
−8 dB
−5 dB
010
2
−10 dB
−7 dB
011
2
−12 dB
−9 dB
100
2
−14 dB
−11 dB
101
2
−16 dB
−13 dB
110
2
−18 dB
−15 dB
111
2
−20 dB
−17 dB
Note 17: The AGC can be used to control the analog path of the microphone to the output stages or to optimize the microphone path for recording on the ADC.
When the analog path is used this bit should be set to ensure the target is tightly adhered to. If the ADC is the only destination of the microphone or the desired analog
mixer level is line level then AGC_TIGHT should be cleared, allowing greater dynamic rage of the recorded signal. For further details see the AGC overview.
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com