Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 37Page - National Semiconductor (TI) LM4935 Datasheet HTML 38Page - National Semiconductor (TI) LM4935 Datasheet HTML 39Page - National Semiconductor (TI) LM4935 Datasheet HTML 40Page - National Semiconductor (TI) LM4935 Datasheet HTML 41Page - National Semiconductor (TI) LM4935 Datasheet HTML 42Page - National Semiconductor (TI) LM4935 Datasheet HTML 43Page - National Semiconductor (TI) LM4935 Datasheet HTML 44Page - National Semiconductor (TI) LM4935 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
12.0 Status & Control Registers (Continued)
12.20 AUX_LEFT CONFIGURATION REGISTER
This register is used to control the left aux analog input.
TABLE 21. AUX_LEFT (0x0Fh)
Bits
Field
Description
4:0
AUX_
LEFT_
LEVEL
Programs the gain/attenuation applied to the AUX LEFT analog input to the mixer. (Note 21)
AUX_LEFT_LEVEL
Level (With Boost)
Level (Without Boost)
00000
2
−34.5 dB
−46.5 dB
00001
2
−33 dB
−45 dB
00010
2
−31.5 dB
−43.5 dB
00011
2
−30 dB
−42 dB
00100 to 11100
2
−28.5 dB to +7.5 dB
−40.5 dB to −4.5 dB
11101
2
+9 dB
−3 dB
11110
2
+10.5 dB
−1.5 dB
11111
2
+12 dB
0 dB
5
AUX_
LEFT_
BOOST
If set the gain of the AUX_LEFT input to the mixer is increased by 12 dB (see above).
6
AUX_L_MUTE
If set the AUX LEFT input is muted.
7
AUX_OR_DAC_L
If set the AUX LEFT input is passed to the mixer, the default is for the DAC LEFT output to be
passed to the mixer.
Note 21: The recommended mixer level is 1V RMS. The auxiliary analog inputs can be boosted by 12 dB if enough headroom is available. Clipping may occur if
the analog power supply is insufficient to cater for the required gain.
www.national.com
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com