Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1722CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1722CS8
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1722CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1722CS8 Datasheet HTML 1Page - Linear Technology LT1722CS8 Datasheet HTML 2Page - Linear Technology LT1722CS8 Datasheet HTML 3Page - Linear Technology LT1722CS8 Datasheet HTML 4Page - Linear Technology LT1722CS8 Datasheet HTML 5Page - Linear Technology LT1722CS8 Datasheet HTML 6Page - Linear Technology LT1722CS8 Datasheet HTML 7Page - Linear Technology LT1722CS8 Datasheet HTML 8Page - Linear Technology LT1722CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT1722/LT1723/LT1724
1
172234fa
s
Video and RF Amplification
s
ADSL, HDSL II, VDSL Receivers
s
Active Filters
s
Wideband Amplifiers
s
Buffers
s
Data Acquisition Systems
s
3.8nV/
√Hz Input Noise Voltage
s
3.7mA Supply Current
s
200MHz Gain Bandwidth
s
Low Total Harmonic Distortion: – 85dBc at 1MHz
s
70V/
µs Slew Rate
s
400
µV Maximum Input Offset Voltage
s
300nA Maximum Input Bias Current
s
Unity-Gain Stable
s
Capacitive Load Stable Up to 100pF
s
23mA Minimum Output Current
s
Specified at
±5V and Single 5V
Single, Dual, Quad 200MHz
Low Noise Precision Op Amps
The LT
®1722/LT1723/LT1724 are single/dual/quad, low
noise, low power, high speed operational amplifiers. These
products feature lower input offset voltage, lower input
bias current and higher DC gain than devices with compa-
rable bandwidth. The 200MHz gain bandwidth ensures
high open-loop gain at video frequencies.
The low input noise voltage is achieved with reduced
supply current. The total noise is optimized for a source
resistance between 0.8k and 12k. Due to the input bias
current cancellation technique used, the resistance seen
by each input does not need to be balanced.
The output drives a 150
Ω load to ±3V with ±5V supplies.
On a single 5V supply the output swings from 1.5V to 3.5V
with a 500
Ωloadconnectedto2.5V.Theamplifierisunity-
gain stable (CLOAD ≤ 100pF).
The LT1722/LT1723/LT1724 are manufactured on Linear
Technology’s advanced low voltage complementary
bipolar process. The LT1722 is available in the SO-8 and
5-pin SOT-23 packages. The LT1723 is available in the
SO-8 and MS8 packages. The LT1724 is available in the
14-lead SO package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
1/2 LT1723
R5 2k
R3
750
Ω
R7
62.5
Ω
+VOUT
VIN/2 62.5
Ω
LOAD
62.5
Ω
LOAD
–VIN/2
–VIN
1723 TA01
VIN
–VOUT
125
Ω
CAT-5
TWISTED PAIR
C1 5pF
1/2 LT1723
R4 2k
VIN
75
Ω
SOURCE
R2
2k
R1
75
Ω
R6
62.5
Ω
C2 5pF
Differential Video Line Driver
Line Driver Mulitburst Video Signal
+VOUT
0.5V/DIV
1723 TA02
VIN
1V/DIV
–VOUT
0.5V/DIV
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1722CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Analog Devices
LT1722 AD-LT1722 Datasheet
1Mb / 16P
High Temperature 175°C Dual 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nV/√Hz Noise, Low Power Op Amp
6203xf
logo
Linear Technology
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results

Similar Description - LT1722CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX410 MAXIM-MAX410_08 Datasheet
325Kb / 16P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com