Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1724CS Datasheet(PDF) 8 Page - Linear Technology

Part # LT1724CS
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1724CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1724CS Datasheet HTML 4Page - Linear Technology LT1724CS Datasheet HTML 5Page - Linear Technology LT1724CS Datasheet HTML 6Page - Linear Technology LT1724CS Datasheet HTML 7Page - Linear Technology LT1724CS Datasheet HTML 8Page - Linear Technology LT1724CS Datasheet HTML 9Page - Linear Technology LT1724CS Datasheet HTML 10Page - Linear Technology LT1724CS Datasheet HTML 11Page - Linear Technology LT1724CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1722/LT1723/LT1724
8
172234fa
TYPICAL PERFOR A CE CHARACTERISTICS
VOS vs Temperature
TEMPERATURE (
°C)
–60
–500
–400
–200
–100
0
60
80 100
200
1723 G10
–300
–40 –20
0
20
40
120
100
VS = ±5V
TYPICAL PART
VS = ±2.5V
Undistorted Output Swing
vs Frequency
FREQUENCY (MHz)
0.1
0
2
4
6
8
110
1723 G11
10
1
3
5
7
9
AV = 1, RF = 0Ω, RIN = 500Ω
AV = –1, RF = 500Ω
VS = ±5V
RL = 150Ω
2% MAX DISTORTION
Undistorted Output Swing
vs Frequency
FREQUENCY (MHz)
0.1
0
1.0
2.0
3.0
4.0
110
1723 G12
5.0
0.5
1.5
2.5
3.5
4.5
AV = –1, RF = 500Ω
VS = 5V
RL = 500Ω
2% MAX DISTORTION
AV = 1, RF = 0Ω,
RIN = 500Ω
Open-Loop Gain vs Temperature
TEMPERATURE (
°C)
–50
86
76
78
79
80
85
82
0
50
75
1723 G13
77
83
84
81
–25
25
100
125
VS = ±5V, VO = ±3V
VS = 5V, VO = ±1V
RL = 500Ω
RL = 500Ω
RL = 150Ω
Output Voltage Swing
vs Supply Voltage
SUPPLY VOLTAGE (
±V)
2.0
2.5
3.5
3.0
4.0
5.0
4.5
1723 G08
5.5
V+
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
V–
6.0
TA = 25°C
VIN = 10mV
RL = 500Ω
RL = 500Ω
RL = 150Ω
RL = 150Ω
Output Short-Circuit Current
vs Temperature
TEMPERATURE (
°C)
–50
60
65
75
80
85
110
95
0
50
75
1723 G15
70
100
105
90
–25
25
100
125
VS = ±5V
VS = 5V
SOURCE
SOURCE
SINK
SINK
Gain and Phase vs Frequency
Overshoot vs Capacitive Load
Output Impedance vs Frequency
FREQUENCY (MHz)
20
80
90
10
0
70
40
60
50
30
0.01
1
10
100
1723 G16
–10
20
80
90
10
0
70
40
60
50
30
–10
0.1
PHASE
GAIN
±5V
±5V
5V
5V
TA = 25°C
AV = –1
RF = RG = 500Ω
CAPACITIVE LOAD (pF)
10
50
60
70
80
50
1723 G17
40
30
45
55
65
75
35
25
20
20
30
40
60
70
80
90 100
VS = ±5V
RL = 500Ω
VIN = 2VP-P
f = 1MHz
AV = –1, RF = 500Ω, RS = 0Ω
AV = 1, RF = 0Ω, RS = 500Ω
AV = 1, RF = 500Ω,
RS = 0Ω
FREQUENCY (MHz)
0.01
0.001
0.1
100
110
0.1
100
1723 G18
0.01
1
10
TA = 25°C
VS = ±5V
AV = 100
AV = 10
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com