Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1724CS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1724CS
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1724CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1724CS Datasheet HTML 5Page - Linear Technology LT1724CS Datasheet HTML 6Page - Linear Technology LT1724CS Datasheet HTML 7Page - Linear Technology LT1724CS Datasheet HTML 8Page - Linear Technology LT1724CS Datasheet HTML 9Page - Linear Technology LT1724CS Datasheet HTML 10Page - Linear Technology LT1724CS Datasheet HTML 11Page - Linear Technology LT1724CS Datasheet HTML 12Page - Linear Technology LT1724CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT1722/LT1723/LT1724
9
172234fa
TYPICAL PERFOR A CE CHARACTERISTICS
Gain vs Frequency, AV = 1
Channel Separation vs Frequency
Power Supply Rejection Ratio
vs Frequency
Common Mode Rejection Ratio
vs Frequency
Gain vs Frequency, AV = –1
FREQUENCY (MHz)
1
–1
1
3
5
7
10
100
1723 G19
0
2
4
6
8
9
TA = 25°C
AV = 1
RF = 0Ω
NO RL
±5V
5V
CL = 100pF
CL = 50pF
CL = 0pF
FREQUENCY (MHz)
1
–1
1
3
5
7
10
100
1723 G20
0
2
4
6
8
9
TA = 25°C
AV = 1
NO RL
NO CL
±5V
5V
RF = 500Ω
RF = 1k
RF = 0Ω
FREQUENCY (MHz)
1
–1
1
3
5
7
10
100
1723 G21
0
2
4
6
8
9
TA = 25°C
AV = –1
RF = RG = 500Ω
NO RL
±5V
5V
CL = 100pF
CL = 50pF
CL = 0pF
FREQUENCY (MHz)
0.1
–50
–30
–10
1
10
100
1723 G22
–70
–60
–40
–20
–80
–90
TA = 25°C
VO = 6VP-P
RL = 150Ω
FREQUENCY (MHz)
40
100
30
20
90
60
80
70
50
0.01
1
10
100
1723 G23
10
0
0.1
TA = 25°C
VS = ±5V
AV = 1
–PSRR
+PSRR
FREQUENCY (MHz)
40
100
110
30
20
90
60
80
70
50
0.01
1
10
100
1723 G24
10
0.1
TA = 25°C
VS = ±5V
Gain vs Frequency, AV = 1
Slew Rate vs Temperature
TEMPERATURE (
°C)
–50
90
25
1723 G40
60
40
–25
0
50
30
20
100
80
70
50
75
100
125
TA = 25°C
AV = –1
RG = RF = 500Ω
VS = ±5V, SR
+
VS = ±5V, SR
–
VS = ±2.5V, SR
–
VS = ±2.5V, SR
+
Phase Margin vs Supply Voltage
SUPPLY VOLTAGE (
±V)
2.5
35
40
50
55
60
4.5
80
1723 G41
45
3.5
3
5
5.5
46
65
70
75
TA = 25°C
AV = –1
VIN = –20dBm
RG = RF = 500Ω
RL = 500Ω
CL = 5pF
CL = 25pF
CL = 55pF
RL = 500Ω
RL = 500Ω
RL = 150Ω
RL = 150Ω
RL = 150Ω
Gain Bandwidth
vs Supply Voltage
SUPPLY VOLTAGE (
±V)
2.5
215
4
1723 G42
200
190
3
3.5
4.5
185
180
220
210
205
195
5
5.5
6
TA = 25°C
AV = –1
VIN = –20dBm
RG = RF = 500Ω
CL = 25pF
CL = 25pF
RL = 150Ω
RL = 500Ω
CL = 5pF
CL = 5pF
CL = 55pF
CL = 55pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com