Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1722CS5 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1722CS5
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1722CS5 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1722CS5 Datasheet HTML 8Page - Linear Technology LT1722CS5 Datasheet HTML 9Page - Linear Technology LT1722CS5 Datasheet HTML 10Page - Linear Technology LT1722CS5 Datasheet HTML 11Page - Linear Technology LT1722CS5 Datasheet HTML 12Page - Linear Technology LT1722CS5 Datasheet HTML 13Page - Linear Technology LT1722CS5 Datasheet HTML 14Page - Linear Technology LT1722CS5 Datasheet HTML 15Page - Linear Technology LT1722CS5 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1722/LT1723/LT1724
13
172234fa
Power dissipation is composed of two parts. The first is
due to the quiescent supply current and the second is due
to on-chip dissipation caused by the load current.
Worst-case instantaneous power dissipation for a given
resistive load in one amplifier occurs at the maximum
supply current and when the output voltage is at half of
either supply voltage (or the maximum swing if less than
half supply voltage).
Therefore PD(MAX) in one amplifier is:
PD(MAX) =(V+ – V–)(IS(MAX)) + (V+/2)2/RL
or
PD(MAX) =(V+ – V–)(IS(MAX)) +
(V+ – VO(MAX))(VO(MAX)/RL)
Example. Worst-case conditions are: both op amps in the
LT1723IS8 are at TA = 85°C, VS = ±5V, RL = 150Ω,
VOUT = 2.5V.
PD(MAX) =2•[(10V)(5.95mA)+(2.5V)2/150Ω]=203mW
TJ(MAX) = 85°C + (203mW)(190°C/W) = 124°C
which is less than the absolute maximum rating at 150
°C.
APPLICATIO S I FOR ATIO
Circuit Operation
The LT1722/LT1723/LT1724 circuit topology is a voltage
feedback amplifier. The operation of the circuit can be
understood by referring to the Simplified Schematic. The
first stage is a folded cascode formed by the transistors
Q1 through Q4. A degeneration resistor, R, is used in the
input stage. The current mirror Q5, Q6 is bootstrapped by
Q7. The capacitor, C, assures the bandwidth and the slew
rate performance. The output stage is formed by comple-
mentary emitter followers, Q8 through Q11. The diodes
D1 and D2 protect against input reversed biasing. The
remaining part of the circuit assures optimum voltage and
current biases for all stages.
Low noise, reduced current supply, high speed and DC
accurate parameters are distinctive features of theLT1722/
LT1723/LT1724.
SI PLIFIED SCHE ATIC
Q2
+IN
Q1
D1
D2
R
–IN
R2
Q6
Q7
Q9
Q10
VS
+
VS
–
OUT
1723 SS
Q11
Q8
Q4
C
VBIAS
I3
I4
I5
I2
I1
R1
Q5
Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com