Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1722CS5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1722CS5
Description  Single, Dual, Quad 200MHz Low Noise Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1722CS5 Datasheet(HTML) 3 Page - Linear Technology

  LT1722CS5 Datasheet HTML 1Page - Linear Technology LT1722CS5 Datasheet HTML 2Page - Linear Technology LT1722CS5 Datasheet HTML 3Page - Linear Technology LT1722CS5 Datasheet HTML 4Page - Linear Technology LT1722CS5 Datasheet HTML 5Page - Linear Technology LT1722CS5 Datasheet HTML 6Page - Linear Technology LT1722CS5 Datasheet HTML 7Page - Linear Technology LT1722CS5 Datasheet HTML 8Page - Linear Technology LT1722CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1722/LT1723/LT1724
3
172234fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 6)
100
400
µV
LT1722 SOT-23 and LT1723 MS8
150
650
µV
IOS
Input Offset Current
40
300
nA
IB
Input Bias Current
40
300
nA
en
Input Noise Voltage
f = 10kHz
3.8
nV/
√Hz
in
Input Noise Current
f = 10kHz
1.2
pA/
√Hz
RIN
Input Resistance
VCM = ±3.5V
5
35
M
Ω
Differential
50
k
Ω
CIN
Input Capacitance
2pF
Input Voltage Range +
3.5
4
V
Input Voltage Range –
–4
–3.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±3.5V
80
100
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.3V to ±5.5V
78
90
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±3V, RL = 500Ω
10
17
V/mV
VOUT = ±3V, RL = 150Ω
714
V/mV
VOUT
Output Swing
RL = 500Ω, VIN = ±10mV
±3.2
±3.8
V
RL = 150Ω, VIN = ±10mV
±3.1
±3.4
V
IOUT
Output Current
VOUT = ±3V, 10mV Overdrive
23
50
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±1V
35
90
mA
SR
Slew Rate
AV = –1, (Note 7)
45
70
V/
µs
Full Power Bandwidth
3V peak, (Note 8)
3.7
MHz
GBW
Gain Bandwidth
f = 200kHz
115
200
MHz
tS
Settling Time
AV = –1, 2V, 0.1%
91
ns
AV = –1, 2V, 0.01%
112
ns
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, VIN = 0.2VP-P, RL = 150Ω
6ns
Overshoot
AV = 1, VIN = 0.2VP-P, RL = 150Ω, RF = 0Ω
15
%
Propagation Delay
50% VIN to 50% VOUT = 0.2VP-P, RL = 150Ω
3ns
RO
Output Resistance
AV = 1, f = 1MHz
0.15
Ω
Channel Separation
VOUT = ±3V, RL = 150Ω
82
90
dB
IS
Supply Current
Per Amplifier
3.7
4.5
mA
TA = 25°C, VS = ±5V, VCM = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
TA = 25°C. VS = 5V, VCM = 2.5V, RL to 2.5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 6)
250
550
µV
LT1722 SOT-23 and LT1723 MS8
350
800
µV
IOS
Input Offset Current
20
300
nA
IB
Input Bias Current
20
300
nA
en
Input Noise Voltage
f = 10kHz
4
nV/
√Hz
in
Input Noise Current
f = 10kHz
1.1
pA/
√Hz
RIN
Input Resistance
VCM = 1.5V to 3.5V
5
32
M
Ω
Differential
55
k
Ω
CIN
Input Capacitance
2pF
Input Voltage Range +
3.5
4
V
Input Voltage Range –
1
1.5
V
CMRR
Common Mode Rejection Ratio
VCM = 1.5V to 3.5V
80
100
dB
AVOL
Large-Signal Voltage Gain
VOUT = 1.5V to 3.5V, RL = 500Ω
410
V/mV
VOUT
Output Swing+
RL = 500Ω, VIN = ±10mV
3.6
3.8
V
Output Swing–
RL = 500Ω, VIN = ±10mV
0.9
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com