Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFL27005SW/ES Datasheet(PDF) 2 Page - International Rectifier

Part # AFL27005SW/ES
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27005SW/ES Datasheet(HTML) 2 Page - International Rectifier

  AFL27005SW/ES Datasheet HTML 1Page - International Rectifier AFL27005SW/ES Datasheet HTML 2Page - International Rectifier AFL27005SW/ES Datasheet HTML 3Page - International Rectifier AFL27005SW/ES Datasheet HTML 4Page - International Rectifier AFL27005SW/ES Datasheet HTML 5Page - International Rectifier AFL27005SW/ES Datasheet HTML 6Page - International Rectifier AFL27005SW/ES Datasheet HTML 7Page - International Rectifier AFL27005SW/ES Datasheet HTML 8Page - International Rectifier AFL27005SW/ES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
www.irf.com
AFL270XXS Series
For Notes to Specifications, refer to page 4
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 500V
Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating
-55°C to +125°C
Storage
-65°C to +135°C
Static Characteristics -55°C
≤ T
CASE ≤ +125°C, 160 ≤ VIN ≤ 400 unless otherwise specified.
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT VOLTAGE
Note 6
160
270
400
V
OUTPUT VOLTAGE
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
1
1
1
1
1
1
2, 3
2, 3
2, 3
2, 3
2, 3
2, 3
VIN = 270 Volts, 100% Load
4.95
5.94
8.91
11.88
14.85
27.72
4.90
5.88
8.82
11.76
14.70
27.44
5.00
6.00
9.00
12.00
15.00
28.00
5.05
6.06
9.09
12.12
15.15
28.28
5.10
6.12
9.18
12.24
15.30
28.56
V
V
V
V
V
V
V
V
V
V
V
V
OUTPUT CURRENT
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
VIN = 160, 270, 400 Volts - Note 6
16.0
13.5
10.0
9.0
8.0
4.0
A
A
A
A
A
A
OUTPUT POWER
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
Note 6
80
81
90
108
120
112
W
W
W
W
W
W
MAXIMUM CAPACITIVE LOAD
Note 1
10,000
µfd
OUTPUT VOLTAGE
TEMPERATURE COEFFICIENT
VIN = 270 Volts, 100% Load - Note 1, 6 -0.015
+0.015
%/°C
OUTPUT VOLTAGE REGULATION
AFL27028S
Line
All Others
Line
Load
1, 2, 3
1, 2, 3
1, 2, 3
No Load, 50% Load, 100% Load
VIN = 160, 270, 400 Volts
-70.0
-10.0
-1.0
+70.0
+10.0
+1.0
mV
mV
%
OUTPUT RIPPLE VOLTAGE
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
VIN = 160, 270, 400 Volts, 100% Load,
BW = 10MHz
30
35
40
45
50
100
mVpp
mVpp
mVpp
mVpp
mVpp
mVpp
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com