Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFL27005SW/ES Datasheet(PDF) 10 Page - International Rectifier

Part # AFL27005SW/ES
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27005SW/ES Datasheet(HTML) 10 Page - International Rectifier

Back Button AFL27005SW/ES Datasheet HTML 6Page - International Rectifier AFL27005SW/ES Datasheet HTML 7Page - International Rectifier AFL27005SW/ES Datasheet HTML 8Page - International Rectifier AFL27005SW/ES Datasheet HTML 9Page - International Rectifier AFL27005SW/ES Datasheet HTML 10Page - International Rectifier AFL27005SW/ES Datasheet HTML 11Page - International Rectifier AFL27005SW/ES Datasheet HTML 12Page - International Rectifier AFL27005SW/ES Datasheet HTML 13Page - International Rectifier AFL27005SW/ES Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
www.irf.com
AFL270XXS Series
AFL270XXS Typical Efficiency Characteristics
Presented for three values of Input Voltage.
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
50
60
70
80
90
0
20406080
100
Output Power ( Watts )
160V
270V
400V
55
65
75
85
95
0
20
40
60
80
100
120
Output Power ( Watts )
160V
270V
400V
50
60
70
80
90
0
20
40
60
80
100
120
Output Power ( Watts )
160V
270V
400V
50
60
70
80
90
0
20
406080
Output Power ( Watts )
160V
270V
400V
50
60
70
80
90
020
40
60
80
Output Power ( Watts )
160V
270V
400V
55
65
75
85
95
0
20
40
60
80
100
120
Output Power ( Watts )
160V
270V
400V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com