Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFL27009SW/ES Datasheet(PDF) 11 Page - International Rectifier

Part # AFL27009SW/ES
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27009SW/ES Datasheet(HTML) 11 Page - International Rectifier

Back Button AFL27009SW/ES Datasheet HTML 7Page - International Rectifier AFL27009SW/ES Datasheet HTML 8Page - International Rectifier AFL27009SW/ES Datasheet HTML 9Page - International Rectifier AFL27009SW/ES Datasheet HTML 10Page - International Rectifier AFL27009SW/ES Datasheet HTML 11Page - International Rectifier AFL27009SW/ES Datasheet HTML 12Page - International Rectifier AFL27009SW/ES Datasheet HTML 13Page - International Rectifier AFL27009SW/ES Datasheet HTML 14Page - International Rectifier AFL27009SW/ES Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.irf.com
11
AFL270XXS Series
Typical Performance Characteristics - AFL27005S
Output Load = 100%, Vin = 270VDC unless otherwise specified.
Turn-on Time, No Load
Output Load Transient Response
50% Load to/from 100% Load
-1
0
1
2
3
4
5
6
70
75
80
85
90
95
100
Time from Application of Input Power ( msec )
-1
0
1
2
3
4
5
6
70
75
80
85
90
95
100
Time from Application of Input Power ( msec )
Turn-on Time, Full Load
-8
-4
0
4
8
0246
8
10
Time ( usec )
-40
-20
0
20
40
02
46
8
10
Time ( usec )
Output Ripple Voltage
Input Ripple Current
-400
-200
0
200
400
0
200
400
600
800
1000
Time ( usec )
-400
-200
0
200
400
0
200
400
600
800
1000
Time ( usec )
Output Load Transient Response
10% Load to/from 50% Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com