Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFL27009SW/ES Datasheet(PDF) 14 Page - International Rectifier

Part # AFL27009SW/ES
Description  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27009SW/ES Datasheet(HTML) 14 Page - International Rectifier

Back Button AFL27009SW/ES Datasheet HTML 8Page - International Rectifier AFL27009SW/ES Datasheet HTML 9Page - International Rectifier AFL27009SW/ES Datasheet HTML 10Page - International Rectifier AFL27009SW/ES Datasheet HTML 11Page - International Rectifier AFL27009SW/ES Datasheet HTML 12Page - International Rectifier AFL27009SW/ES Datasheet HTML 13Page - International Rectifier AFL27009SW/ES Datasheet HTML 14Page - International Rectifier AFL27009SW/ES Datasheet HTML 15Page - International Rectifier AFL27009SW/ES Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
www.irf.com
AFL270XXS Series
AFL270XXS to Standard Military Drawing Equivalence Table
Available Screening Levels and Process Variations for AFL270XXS Series.
Requirement
MIL-STD-883
Method
No
Suffix
ES
Suffix
HB
Suffix
CH
Suffix
Temperature Range
-20 to +85°C
-55°C to +125°C
-55°C to +125°C
-55°C to +125°C
Element Evaluation
MIL-PRF-38534
Internal Visual
2017
¬
ü
ü
ü
Temperature Cycle
1010
Cond B
Cond C
Cond C
Constant Acceleration
2001
500g
Cond A
Cond A
Burn-in
1015
48hrs @ 85
°C
48hrs @ 125°C
160hrs @ 125°C
160hrs @ 125°C
Final Electrical (Group A)
MIL-PRF-38534
& Specification
25°C
25°C
-55, +25, +125°C
-55, +25, +125°C
Seal, Fine & Gross
1014
Cond C
Cond A, C
Cond A, C
Cond A, C
External Visual
2009
¬
ü
ü
ü
* per Commercial Standards
AFL27005S
5962-9456901
AFL27006S
5962-9553401
AFL27009S
5962-9553501
AFL27012S
5962-9475301
AFL27015S
5962-9457001
AFL27028S
5962-9556501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com