Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR601 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PR601
Description  High performance NFC integrated reader solution
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR601 Datasheet(HTML) 2 Page - NXP Semiconductors

  PR601 Datasheet HTML 1Page - NXP Semiconductors PR601 Datasheet HTML 2Page - NXP Semiconductors PR601 Datasheet HTML 3Page - NXP Semiconductors PR601 Datasheet HTML 4Page - NXP Semiconductors PR601 Datasheet HTML 5Page - NXP Semiconductors PR601 Datasheet HTML 6Page - NXP Semiconductors PR601 Datasheet HTML 7Page - NXP Semiconductors PR601 Datasheet HTML 8Page - NXP Semiconductors PR601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PR601
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 10 March 2016
219333
2 of 14
NXP Semiconductors
PR601
High performance NFC integrated reader solution
demodulation and decoding signals from ISO 14443A/MIFARE compatible cards and
transponders. The digital module manages the complete ISO 14443A framing and error
detection (parity and CRC) functionality. The CLRC663 supports MIFARE 1K, MIFARE
4K, MIFARE Ultralight, MIFARE, Ultralight C, MIFARE PLUS and MIFARE DESFire
products. The CLRC663 supports contactless communication and uses MIFARE higher
transfer speeds up to 848 kBd in both directions.
The CLRC663 supports all layers of the ISO/IEC 14443B reader/writer communication
scheme, given correct implementation of additional components, like oscillator, power
supply, coil etc. and provided that standardized protocols, for example, like ISO/IEC
14443-4 and/or ISO/IEC 14443B anticollision are correctly implemented.
Enabled in Reader/Writer mode for FeliCa, the CLRC663 transceiver IC supports the
FeliCa communication scheme. The receiver part provides a robust and efficient
implementation of the demodulation and decoding circuitry for FeliCa coded signals. The
digital part handles the FeliCa framing and error detection like CRC. The CLRC663
supports contactless communication using FeliCa Higher transfer speeds up to 424 kbit/s
in both directions. The CLRC663 supports vicinity protocol according to ISO/IEC15693,
EPC UID and ISO/IEC 18000-3 mode 3. The complete vicinity product family of NXP is
supported and enable a readability for mid-ranger reader applications.
The following host interfaces are provided:
• Serial Peripheral Interface (SPI)
• Serial UART (similar to RS232 with voltage levels dependent on pin voltage supply)
• I2C-bus interface (two versions are implemented: I2C and I2CL)
2.2 LPC1227
The LPC1227 are ARM Cortex-M0-based microcontrollers for embedded applications
featuring a high level of integration and low-power consumption. The ARM Cortex-M0 is a
next generation core that offers system enhancements such as enhanced debug features
and a higher level of support block integration. In addition to the ARM Cortex-M0, the
LPC1X features an event handler API to limit the interrupt load of the ARM Cortex-M0
CPU and to allow for additional power-savings by off-loading event handling from the
main CPU.
The LPC1227 operates at CPU frequencies of up to 33 MHz and include up to 128 kB of
flash memory and 8 kB of data memory.
Not all connections of the LPC1227 product are implemented by the PR601.
3.
Features and benefits
Fully compliant with ISO/IEC 14443 A and B, ISO/IEC 15693 and FeliCa
Support for MIFARE technology
NFC-IP1 peer-to-peer support (Passive Initiator Mode)
Compatibility with all established smartcard ICs, smart tags, and label technologies
Support for SAM AV 2.6 interface
Integrating multiple functions in a single package
Integrated LPC1227 ARM Cortex-M0 microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com