Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR601 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PR601
Description  High performance NFC integrated reader solution
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR601 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PR601 Datasheet HTML 5Page - NXP Semiconductors PR601 Datasheet HTML 6Page - NXP Semiconductors PR601 Datasheet HTML 7Page - NXP Semiconductors PR601 Datasheet HTML 8Page - NXP Semiconductors PR601 Datasheet HTML 9Page - NXP Semiconductors PR601 Datasheet HTML 10Page - NXP Semiconductors PR601 Datasheet HTML 11Page - NXP Semiconductors PR601 Datasheet HTML 12Page - NXP Semiconductors PR601 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PR601
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 10 March 2016
219333
9 of 14
NXP Semiconductors
PR601
High performance NFC integrated reader solution
14. Handling information
Moisture Sensitivity Level (MSL) evaluation has been performed according to
SNW-FQ-225B rev.04/07/07 (JEDEC J-STD-020C).
MSL for this package is level 2 which means 260
C convection reflow temperature.
Dry pack is required.
1 year out-of-pack floor life at maximum ambient temperature 30
C/ 85 % RH.
15. Packing information
16. Abbreviations
Fig 3.
Packing information 1 tray
001aaj740
strap 46 mm from corner
tray
chamfer
PIN 1
chamfer
PIN 1
printed plano box
ESD warning preprinted
barcode label (permanent)
barcode label (peel-off)
QA seal
Hyatt patent preprinted
The straps around the package of
stacked trays inside the plano-box
have sufficient pre-tension to avoid
loosening of the trays.
In the traystack (2 trays)
only ONE tray type* allowed
*one supplier and one revision number.
Table 7.
Abbreviations
Acronym
Description
EPC
Electronic Product Code
OTP
One Time Programmable
SPI
Serial Peripheral Interface
UID
Unique IDentification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com