Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL43L120 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL43L120
Description  Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L120 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL43L120 Datasheet HTML 3Page - Intersil Corporation ISL43L120 Datasheet HTML 4Page - Intersil Corporation ISL43L120 Datasheet HTML 5Page - Intersil Corporation ISL43L120 Datasheet HTML 6Page - Intersil Corporation ISL43L120 Datasheet HTML 7Page - Intersil Corporation ISL43L120 Datasheet HTML 8Page - Intersil Corporation ISL43L120 Datasheet HTML 9Page - Intersil Corporation ISL43L120 Datasheet HTML 10Page - Intersil Corporation ISL43L120 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6091.1
November 3, 2004
FIGURE 14. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 15. FREQUENCY RESPONSE
FIGURE 16. CROSSTALK AND OFF ISOLATION
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
114
PROCESS:
Submicron CMOS
Typical Performance Curves TA = 25°C, Unless Otherwise Specified (Continued)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
V+ (V)
1
1.5
22.5
3
3.544.5
VINH
VINL
FREQUENCY (MHz)
0
-20
GAIN
PHASE
V+ = 3V
0
20
40
60
80
100
1
10
100
600
VIN = 0.2VP-P to 2VP-P
RL = 50Ω
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
V+ = 3V
ISL43L120, ISL43L121, ISL43L122



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com