Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL43L120 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL43L120
Description  Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L120 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL43L120 Datasheet HTML 1Page - Intersil Corporation ISL43L120 Datasheet HTML 2Page - Intersil Corporation ISL43L120 Datasheet HTML 3Page - Intersil Corporation ISL43L120 Datasheet HTML 4Page - Intersil Corporation ISL43L120 Datasheet HTML 5Page - Intersil Corporation ISL43L120 Datasheet HTML 6Page - Intersil Corporation ISL43L120 Datasheet HTML 7Page - Intersil Corporation ISL43L120 Datasheet HTML 8Page - Intersil Corporation ISL43L120 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6091.1
November 3, 2004
Pinouts (Note 1)
ISL43L120 (MSOP, TDFN)
TOP VIEW
ISL43L122 (MSOP, TDFN)
TOP VIEW
ISL43L121 (MSOP, TDFN)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
NO1
COM1
IN2
GND
V+
COM2
NO2
IN1
6
7
8
5
1
2
3
4
NO1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
NC1
COM1
IN2
GND
V+
COM2
NC2
IN1
6
7
8
5
1
2
3
4
Ordering Information
(Note 2)
PART NO. (BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL43L120IU (L120)
-40 to 85
8 Ld MSOP
M8.118
ISL43L120IR (L10)
-40 to 85
8 Ld 3x3 thin DFN
L8.3x3A
ISL43L121IU (L121)
-40 to 85
8 Ld MSOP
M8.118
ISL43L121IR (L11)
-40 to 85
8 Ld 3x3 thin DFN
L8.3x3A
ISL43L122IU (L122)
-40 to 85
8 Ld MSOP
M8.118
ISL43L122IR (L12)
-40 to 85
8 Ld 3x3 thin DFN
L8.3x3A
ISL43L120IUZ *
(L120) (Note 3)
-40 to 85
8 Ld MSOP
(Pb-free)
M8.118
ISL43L120IRZ *
(L10) (Note 3)
-40 to 85
8 Ld 3x3 thin DFN
(Pb-free)
L8.3x3A
ISL43L121IUZ *
(L121) Note 3
-40 to 85
8 Ld MSOP
(Pb-free)
M8.118
ISL43L121IRZ *
(L11) (Note 3)
-40 to 85
8 Ld 3x3 thin DFN
(Pb-free)
L8.3x3A
ISL43L122IUZ *
(L122) (Note 3)
-40 to 85
8 Ld MSOP
(Pb-free)
M8.118
ISL43L122IRZ *
(L12) (Note 3)
-40 to 85
8 Ld 3x3 thin DFN
(Pb-free)
L8.3x3A
NOTES:
2. Most surface mount devices are available on tape and reel; add
“-T” to suffix.
3. Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-Free products are MSL
classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
* Pb-free Parts Coming Soon.
Truth Table
LOGIC
ISL43L120
ISL43L121
ISL43L122
SW 1, 2
SW 1, 2
SW 1
SW 2
0OFF
ON
OFF
ON
1
ON
OFF
ON
OFF
NOTE: Logic “0”
≤ 0.5V. Logic “1” ≥ 1.4V with a 3V Supply.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.65V to +3.6V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
ISL43L120, ISL43L121, ISL43L122



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com