Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7141 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OV7141
Description  OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV7141 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OV7141 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV7141 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV7141 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV7141 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV7141 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV7141 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV7141 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV7141 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV7141 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Register Set
Version 1.4, March 6, 2003
Proprietary to OmniVision Technologies
13
Omni ision
1F
FACT
01
RW
Output Format – Format Control
Bit[7:5]:
Reserved
Bit[4]:
Output Format – RGB:565 Enable
Note: Bit[4] is not programmable on the B&W OV7141.
Bit[3]:
Reserved
Bit[2]:
Output Format – RGB:555 Enable
Note: Bit[2] is not programmable on the B&W OV7141.
Bit[1:0]:
Reserved
20
COME
C0
RW
Common Control E
Bit[7]:
Reserved
Bit[6]:
AEC – Digital Averaging Enable
Bit[5]:
Reserved
Bit[4]:
Image Quality – Edge Enhancement Enable
Bit[3:1]:
Reserved
Bit[0]:
Y[7:0] 2X IOL / IOH Enable
21-23
RSVD
XX
–
Reserved
24
AEW
10
RW
AGC/AEC – Stable Operating Region – Upper Limit
25
AEB
8A
RW
AGC/AEC – Stable Operating Region – Lower Limit
26
COMF
A2
RW
Common Control F
Bit[7:3]:
Reserved
Bit[2]:
Data Format – Output Data MSB/LSB Swap Enable
(LSB
MSB (Y[7]) and MSB
LSB (Y[0])
Bit[1:0]:
Reserved
27
COMG
E2
RW
Common Control G
Bit[7:5]:
Reserved
Bit[4]:
Color Matrix – RGB Crosstalk Compensation Enable
(Used to increase each color filter’s efficiency)
Note: Bit[4] is not programmable on the B&W OV7141.
Bit[3:2]:
Reserved
Bit[1]:
Data Format – Output Full Range Enable
0:
Output Range = [10] to [F0] (224 bits)
1:
Output Range = [01] to [FE] (254/256 bits)
Bit[0]:
Reserved
28
COMH
20
RW
Common Control H
Bit[7]:
Output Format – RGB Output Select
0:
RGB
1:
Raw RGB
Bit[6]:
Device Select
0:
OV7640
1:
OV7141
Bit[5]:
Output Format – Scan Select
0:
Interlaced
1:
Progressive
Bit[4:0]:
Reserved
Table 5
SCCB Register List
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com